Electronic Components Datasheet Search
  English  ▼

X  

CY8CLEDAC02 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY8CLEDAC02
Description  AC-DC Controller for Dimmable LED Lighting
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CLEDAC02 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY8CLEDAC02 Datasheet HTML 1Page - Cypress Semiconductor CY8CLEDAC02 Datasheet HTML 2Page - Cypress Semiconductor CY8CLEDAC02 Datasheet HTML 3Page - Cypress Semiconductor CY8CLEDAC02 Datasheet HTML 4Page - Cypress Semiconductor CY8CLEDAC02 Datasheet HTML 5Page - Cypress Semiconductor CY8CLEDAC02 Datasheet HTML 6Page - Cypress Semiconductor CY8CLEDAC02 Datasheet HTML 7Page - Cypress Semiconductor CY8CLEDAC02 Datasheet HTML 8Page - Cypress Semiconductor CY8CLEDAC02 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
CY8CLEDAC02
Document Number: 001-54879 Rev. *C
Page 2 of 20
Logic Block Diagram
Figure 1. Simplified Application Diagram
ADC
-
+
-
+
-
+
DAC
3
4
2
8
1
7
5
6
ADC-
MUX
VOVP
VVMS
VFB_C
1.7V
0.128V
1.538V
ISHORT_C
IPEAK
DISENSE
VPEAK
0~1.8V
1.9V
0.16V
Output
Boost_Out
65K
65K
POR
Startup
Reg
16 MHz
POR
VIN_A
0 ~1.8V
2.5K
ISD
(100µA)
adc_mux_sel
VIN_D
Digital Logic
Dimmer Detection
and Dimmer Phase
Measurement
Constant Current
Control
VIN
VT
VSENSE
VCC
BOOST
OUTPUT
ISENSE
GND
ZVin
VOCP
LDO
(3.3V)
AC
AC
+
_
AC Input from
Dimmer
NTC
LED
1
2
3
45
6
7
8
BOOST
VSENSE
VIN
VT
VCC
OUTPUT
ISENSE
GND
CHOPPING CIRCUIT
ISOLATED FLYBACK CONVERSION
CONTROLLER
INPUT FILTERING AND RECTIFICATION
CY8CLEDAC02
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com