Electronic Components Datasheet Search
  English  ▼

X  

1685 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1685
Description  14-16 AWG Butt Splice
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1685 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1685 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NO T E S :
So l d e r :
1. 5 0 SN / 3 2P B / 18 C D
2. 2. 5 % ~ 3. 0% R M A Fl u x C o a t i n g
3. 29 5 ° F ( 1 45 ° C ) M e lt in g T e m p .
Tubi ng:
1 . M u lt ip l e w a ll P o ly o l e f in
2. M e l t abl e, i n t e gr a l i n ner w a l l
3. 27 5
o F [ 135 o C ] s h rin k te m p .
4. - 6 7
o F [ - 55 o C ] to 2 3 0 o F [ 110 o C]
c o n t i n uo us op er a t i n g t e m p .
5. Te ns i l e S t r e ngt h: 2 2 0 0 P S I
6 . U l ti m a te E l o n g a ti o n : 5 0 0 %
7. S e c a nt M o dul us , 2% : 2 7 0 0 0 P S I
8. S p ec i f i c G r av i t y : 1 . 00 M a x .
9. Lo ng i t u d i n al C han ge : 5 %
10 . D i e l e c tri c s t re n g th : 1 0 0 0 V / M i l
11 . V o lu m e R e s i s t iv it y : 1 0
15 Ω /c m
12 . No n - c o r r o s i v e
13 . W a te r A b s o rp ti o n : < 0 .1 %
14 . Tub i ng C o l o r : B l ue


Similar Part No. - 1685

ManufacturerPart #DatasheetDescription
logo
Heyco.
1685 HEYCO-1685 Datasheet
112Kb / 1P
Shorty Plugs
logo
Belden Inc.
16850 BELDEN-16850 Datasheet
364Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
PHOENIX CONTACT
1685001 PHOENIX-1685001 Datasheet
1Mb / 10P
SAC-5P-M12MS/ 7,0-652/M12FS - Sensor/actuator cable
1685013 PHOENIX-1685013 Datasheet
173Kb / 4P
KSK 1 - Sealing cap
logo
Weidmuller
1685050000 WEIDMULLER-1685050000 Datasheet
258Kb / 4P
SL 7.50/06/180B 3.2SN GN BX
More results

Similar Description - 1685

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191640044 MOLEX4-0191640044 Datasheet
106Kb / 2P
Perma-Seal??Butt Splice for 14-16 AWG Wire
0191540015 MOLEX4-0191540015 Datasheet
93Kb / 3P
InsulKrimp??Butt Splice for 14-16 AWG Wire
0192150018 MOLEX4-0192150018 Datasheet
87Kb / 2P
VersaKrimp??Butt Splice for 14-16 AWG Wire
0191540023 MOLEX4-0191540023 Datasheet
57Kb / 3P
InsulKrimp??Butt Splice for 14-16 AWG Wire
0191890010 MOLEX4-0191890010 Datasheet
96Kb / 2P
Krimptite??Butt Splice for 14-16 AWG Wire
0192020027 MOLEX4-0192020027 Datasheet
104Kb / 3P
Funnel Entry Butt Splice for 14-16 AWG Wire
0192020019 MOLEX4-0192020019 Datasheet
89Kb / 3P
Butt - Funnel Entry Splice for 14-16 AWG Wire
0192020031 MOLEX4-0192020031 Datasheet
106Kb / 3P
Nylakrimp??Butt Splice for 14-16 AWG Wire
0191990009 MOLEX4-0191990009 Datasheet
115Kb / 2P
Butt - Window Splice for 14-16 AWG Wire
logo
Tyco Electronics
34071 MACOM-34071 Datasheet
79Kb / 1P
SPLICE, BUTT, PLASTI-GRIP WIRE SIZE 16-14 AWG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com