Electronic Components Datasheet Search
  English  ▼

X  

ADS42LB69 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS42LB69
Description  Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS42LB69 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS42LB69 Datasheet HTML 9Page - Texas Instruments ADS42LB69 Datasheet HTML 10Page - Texas Instruments ADS42LB69 Datasheet HTML 11Page - Texas Instruments ADS42LB69 Datasheet HTML 12Page - Texas Instruments ADS42LB69 Datasheet HTML 13Page - Texas Instruments ADS42LB69 Datasheet HTML 14Page - Texas Instruments ADS42LB69 Datasheet HTML 15Page - Texas Instruments ADS42LB69 Datasheet HTML 16Page - Texas Instruments ADS42LB69 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
−120
−100
−80
−60
−40
−20
0
0
25
50
75
100
125
Frequency (MHz)
fIN = 300 MHz
SFDR = 74 dBc
SNR = 72.4 dBFS
SINAD = 69.9 dBFS
THD = 73 dBc
SFDR Non HD2,HD3
= 96
G003
−120
−100
−80
−60
−40
−20
0
0
25
50
75
100
125
Frequency (MHz)
fIN = 10 MHz
SFDR = 90 dBc
SNR = 75.8 dBFS
SINAD = 75.7 dBFS
THD = 89 dBc
SFDR Non HD2, HD3
= 105 dBc
G004
−120
−100
−80
−60
−40
−20
0
0
25
50
75
100
125
Frequency (MHz)
fIN = 10 MHz
SFDR = 96 dBc
SNR = 74 dBFS
SINAD = 73.9 dBFS
THD = 94 dBc
SFDR Non HD2, HD3
= 102 dBc
G001
−120
−100
−80
−60
−40
−20
0
0
25
50
75
100
125
Frequency (MHz)
fIN = 170 MHz
SFDR = 88 dBc
SNR = 73.3 dBFS
SINAD = 73 dBFS
THD = 87 dBc
SFDR Non HD2, HD3
= 101 dBc
G002
ADS42JB49
ADS42JB69
www.ti.com
SLAS900C – OCTOBER 2012 – REVISED JULY 2013
TYPICAL CHARACTERISTICS: ADS42JB69
Typical values are at TA = +25°C, ADC sampling rate = 250 MSPS, 50% clock duty cycle, AVDD = 1.8 V, AVDD3V = 3.3 V,
DRVDD = 1.8 V, IOVDD = 1.8 V, –1-dBFS differential input, 2-VPP full-scale, and 32k-point FFT, unless otherwise noted.
Figure 6. FFT FOR 10-MHz INPUT SIGNAL
Figure 7. FFT FOR 170-MHz INPUT SIGNAL
Figure 8. FFT FOR 300-MHz INPUT SIGNAL
Figure 9. FFT FOR 10-MHz INPUT SIGNAL
(2.5-VPP Full-Scale)
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADS42JB49 ADS42JB69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com