Electronic Components Datasheet Search
  English  ▼

X  

ADS5403 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5403
Description  Dual Channel 12-Bit 500Msps Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5403 Datasheet(HTML) 30 Page - Texas Instruments

Back Button ADS5403 Datasheet HTML 26Page - Texas Instruments ADS5403 Datasheet HTML 27Page - Texas Instruments ADS5403 Datasheet HTML 28Page - Texas Instruments ADS5403 Datasheet HTML 29Page - Texas Instruments ADS5403 Datasheet HTML 30Page - Texas Instruments ADS5403 Datasheet HTML 31Page - Texas Instruments ADS5403 Datasheet HTML 32Page - Texas Instruments ADS5403 Datasheet HTML 33Page - Texas Instruments ADS5403 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
OVR Detection Threshold
-25
-20
-15
-10
-5
0
0
2
4
6
8
10
12
14
16
Programmed Value (1-15)
ADS5404
SLAS945 – APRIL 2013
www.ti.com
Register
Register Data
Address
A7-A0 in
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
hex
2
0
0
0
0
0
Over-range threshold
0
0
0
0
0
0
0
D14
Read back 1.
D10-D7
Over-range threshold
The over-range detection is triggered 12 output clock cycles after the
overload condition occurs. The threshold at which the OVR is triggered =
1.0V x [decimal value of <Over-range threshold>]/16. After power up or
reset, the default value is 15 (decimal) which corresponds to a OVR
threshold of 0.56dB below fullscale (20*log(15/16)). This OVR threshold is
applicable to both channels.
Default 1111
Register
Register Data
Address
A7-A0 in
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
hex
3
0
Start
0
0
1
0
1
1
0
0
0
1
1
0
0
0
Auto
Corr
ChA
D14
Start Auto Corr ChA
Starts DC offset and gain correction loop for ChA
Default 1
0
Starts the DC offset and gain correction loop
1
Clears the DC offset correction value to 0 and gain value to 1
D11, 9, 8, 4, 3
Must be set to 1 for maximum performance
Default 1
30
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS5404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com