Electronic Components Datasheet Search
  English  ▼

X  

DS8921AM Datasheet(PDF) 3 Page - Texas Instruments

Part # DS8921AM
Description  DS8921/DS8921A/DS8921AT Differential Line Driver and Receiver Pair
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS8921AM Datasheet(HTML) 3 Page - Texas Instruments

  DS8921AM Datasheet HTML 1Page - Texas Instruments DS8921AM Datasheet HTML 2Page - Texas Instruments DS8921AM Datasheet HTML 3Page - Texas Instruments DS8921AM Datasheet HTML 4Page - Texas Instruments DS8921AM Datasheet HTML 5Page - Texas Instruments DS8921AM Datasheet HTML 6Page - Texas Instruments DS8921AM Datasheet HTML 7Page - Texas Instruments DS8921AM Datasheet HTML 8Page - Texas Instruments DS8921AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DS8921, DS8921A, DS8921AT
www.ti.com
SNLS374C – MAY 1998 – REVISED APRIL 2013
DS8921/DS8921A Electrical Characteristics
(1) (2) (3)
Symbol
Conditions
Min
Typ
Max
Units
RECEIVER
VTH
−7V ≤ VCM ≤ +7V
−200
±35
+200
mV
VHYST
−7V ≤ VCM ≤ +7V
15
70
mV
RIN
VIN = −7V, +7V
4.0
6.0
k
Ω
(Other Input = GND)
IIN
VIN = 10V
3.25
mA
VIN = −10V
−3.25
mA
VOH
IOH = −400 μA
2.5
V
VOL
IOL = 8 mA
0.5
V
ISC
VCC = MAX, VOUT = 0V
−15
−100
mA
DRIVER
VIH
2.0
V
VIL
0.8
V
IIL
VCC = MAX, VIN = 0.4V
−40
−200
μA
IIH
VCC = MAX, VIN = 2.7V
20
μA
II
VCC = MAX, VIN = 7.0V
100
μA
VCL
VCC = MIN, IIN = −18 mA
−1.5
V
VOH
VCC = MIN, IOH = −20 mA
2.5
V
VOL
VCC = MIN, IOL = +20 mA
0.5
V
IOFF
VCC = 0V, V OUT = 5.5V
100
μA
|VT| – |VT |
0.4
V
VT
2.0
V
|VOS – VOS |
0.4
V
ISC
VCC = MAX, VOUT = 0V
−30
−150
mA
DRIVER and RECEIVER
ICC
VCC = MAX, VOUT = Logic 0
35
mA
(1)
All currents into device pins are shown as positive values; all currents out of the device are shown as negative; all voltages are
referenced to ground unless otherwise specified. All values shown as max or min are classified on absolute value basis.
(2)
All typical values are VCC = 5V, TA = 25°C.
(3)
Only one output at a time should be shorted.
Receiver Switching Characteristics
Symbol
Conditions
Min
Typ
Max
Units
8921
8921A
8921AT
TpLH
CL = 30 pF
14
22.5
20
20
ns
(Figure 1 and Figure 2 )
TpHL
CL = 30 pF
14
22.5
20
20
ns
(Figure 1 and Figure 2)
|TpLH–T pHL|
CL = 30 pF
0.5
5
3.5
5
ns
(Figure 1 and Figure 2 )
Driver Switching Characteristics
SINGLE ENDED CHARACTERISTICS
Symbol
Conditions
Min
Typ
Max
Units
8921
8921A
8921AT
TpLH
CL = 30 pF
10
15
15
15
ns
(Figure 3 and Figure 4)
TpHL
CL = 30 pF
10
15
15
15
ns
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS8921 DS8921A DS8921AT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com