Electronic Components Datasheet Search
  English  ▼

X  

ADS8323Y/2K Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8323Y/2K
Description  16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8323Y/2K Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS8323Y/2K Datasheet HTML 9Page - Texas Instruments ADS8323Y/2K Datasheet HTML 10Page - Texas Instruments ADS8323Y/2K Datasheet HTML 11Page - Texas Instruments ADS8323Y/2K Datasheet HTML 12Page - Texas Instruments ADS8323Y/2K Datasheet HTML 13Page - Texas Instruments ADS8323Y/2K Datasheet HTML 14Page - Texas Instruments ADS8323Y/2K Datasheet HTML 15Page - Texas Instruments ADS8323Y/2K Datasheet HTML 16Page - Texas Instruments ADS8323Y/2K Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
CM+V
REF
+V
REF
-VREF
Single-EndedInputs
t
+IN
CMVoltage
CM
V
-
REF
CM+1/2V
REF
DifferentialInputs
t
+IN
-IN
CMVoltage
CM
1/2V
REF
-
+V
REF
-VREF
Common-ModeVoltage(DifferentialMode)=
(+IN)+(-IN)
2
,Common-ModeVoltage(Single-EndedMode)= IN .
-
-IN=CMVoltage
1.0
1.5
2.0
2.5
2.55
3.0
V
(V)
REF
-1
0
1
2
3
4
5
4.55
0.45
AV
=5V
DD
4.025
0.975
DifferentialInput
1.0
1.5
2.0
2.5
2.55
3.0
V
(V)
REF
-1
0
1
2
3
4
5
2.75
2.25
3.8
1.2
AV
=5V
DD
Single-EndedInput
ADS8323
www.ti.com
SBAS224C – DECEMBER 2001 – REVISED JANUARY 2010
Note:
The maximum differential voltage between +IN and –IN of the ADS8323 is VREF. See Figure 18 and Figure 19 for a
further explanation of the common voltage range for single-ended and differential inputs.
Figure 17. Using the ADS8323 in the Single-Ended and Differential Input Modes
white space here
Figure 19. Differential Input: Common-Mode
Figure 18. Single-Ended Input: Common-Mode
Voltage Range vs VREF
Voltage Range vs VREF
Copyright © 2001–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ADS8323



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com