Electronic Components Datasheet Search
  English  ▼

X  

NPS63-M Datasheet(PDF) 1 Page - Emerson Network Power

Part # NPS63-M
Description  90 - 264 VAC (wide range) 127-300 Vdc
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NPS63-M Datasheet(HTML) 1 Page - Emerson Network Power

  NPS63-M Datasheet HTML 1Page - Emerson Network Power NPS63-M Datasheet HTML 2Page - Emerson Network Power NPS63-M Datasheet HTML 3Page - Emerson Network Power NPS63-M Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev.03.21.13_185
NPS60-M Series
1 of 3
Embedded Power for
Business-Critical Continuity
NPS60-M Series
60 Watts
Special Features
•MedicalandITESafetyApprovals
•Universalinput
•Lessthan1Uhigh
•2”x4”footprint
•Remotesense
•Overloadandshortcircuit
protection
•Adjustableoutputvoltage
•Highefficiency
•HighMTBF
•BuiltinEMIfilter
(CISPR22ClassB)
•InternationalEfficiencyLevelV,
EnergyStar2.0&CeCcompliant
(exceptNPS62-M)
•Lessthan300mWno-load
power consumption
•0˚Cto+80˚Coperation
•Inputpower<74watts
•ComplieswithEN61000-3-2
•ULClassIapproved
•ClassIIapproved(withClassA
EMI)
•LPX50enclosurekitavailable
•DualACfuses
Total Power:
60 Watts
Input Voltage:
90-264VAC
127-300VDC
# of Outputs:
Single
Electrical Specifications
Safety
Input
Inputrange:
90-264VAC(widerange)127-300Vdc
Frequency:
47-63Hz
Inrushcurrent:
<50Apeak@230VAC,coldstart@25° C
Inputpower:
<74Watts
Efficiency:
87%average(asperEnergyStar2.0standard)(NPS62-M,80%)
EMI/RFI:
FCCClassBconducted;CISPR22ClassBconducted;EN55022ClassBcon-
ducted,VDE0878PT3ClassBconducted
Safetygroundleakage
current:
275uA@50/60Hz;264VACinput
Output
Maximumpower:
60Wforconvection
Adjustmentrange:
±20%minimum
Hold-uptime:
10/20ms115/230VACinputline
Overloadprotection:
Shortcircuitprotectiononalloutputs.Caseoverloadprotected@
110-180%ofnormalrating
Overvoltageprotection: 30-50%abovenominaloutput
Remotesense:
Compensatedfor0.5Vleaddropmax.Willoperatewithoutremotesense
connected.Reverseconnectionprotected.
•TUV: 60950,60601-1
•UL:
60950,60601-1
•CSA: 60950,60601-1
•NEMKO:60950,60601-1
•CB:
Certificate and report
•CE:
Mark(LVD)
•CCC: Mark


Similar Part No. - NPS63-M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NPS63-M EMERSON-NETWORKPOWER-NPS63-M Datasheet
388Kb / 3P
60 Watts
logo
Artesyn Technologies
NPS63-M ARTESYN-NPS63-M Datasheet
589Kb / 3P
Total Power: 60 Watts
logo
Advanced Energy Industr...
NPS63-M ADVANCEDENERGY-NPS63-M Datasheet
569Kb / 5P
ARTESYN NPS60-M SERIES 60 W
01 4.20
logo
Artesyn Technologies
NPS63-M-0064 ARTESYN-NPS63-M-0064 Datasheet
589Kb / 3P
Total Power: 60 Watts
logo
Advanced Energy Industr...
NPS63-M-0064 ADVANCEDENERGY-NPS63-M-0064 Datasheet
569Kb / 5P
ARTESYN NPS60-M SERIES 60 W
01 4.20
More results

Similar Description - NPS63-M

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GECA40 SLPOWER-GECA40 Datasheet
549Kb / 2P
Wide-Range AC Input 90-264 VAC
logo
FSP TECHNOLOGY INC.
FSP042-1K00 FSP-FSP042-1K00 Datasheet
152Kb / 1P
Wide-range input 90-264 VAC
FSP042-1K40 FSP-FSP042-1K40 Datasheet
152Kb / 1P
Wide-range input 90-264 VAC
FSP042-1K80 FSP-FSP042-1K80 Datasheet
152Kb / 1P
Wide-range input 90-264 VAC
FSP060-1K00 FSP-FSP060-1K00 Datasheet
138Kb / 1P
Wide-range input 90-264 VAC
FSP060-1K20 FSP-FSP060-1K20 Datasheet
138Kb / 1P
Wide-range input 90-264 VAC
FSP060-1K30 FSP-FSP060-1K30 Datasheet
138Kb / 1P
Wide-range input 90-264 VAC
FSP060-1K40 FSP-FSP060-1K40 Datasheet
138Kb / 1P
Wide-range input 90-264 VAC
FSP060-1K80 FSP-FSP060-1K80 Datasheet
138Kb / 1P
Wide-range input 90-264 VAC
logo
Bel Fuse Inc.
PEC1600-12-074XA BEL-PEC1600-12-074XA Datasheet
694Kb / 13P
Input Voltage Range 90 ??264 VAC / 180 ??300 VDC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com