Electronic Components Datasheet Search
  English  ▼

X  

HMC7229LS6 Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC7229LS6
Description  GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER With Power Detector, 37 - 40 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC7229LS6 Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC7229LS6 Datasheet HTML 2Page - Hittite Microwave Corporation HMC7229LS6 Datasheet HTML 3Page - Hittite Microwave Corporation HMC7229LS6 Datasheet HTML 4Page - Hittite Microwave Corporation HMC7229LS6 Datasheet HTML 5Page - Hittite Microwave Corporation HMC7229LS6 Datasheet HTML 6Page - Hittite Microwave Corporation HMC7229LS6 Datasheet HTML 7Page - Hittite Microwave Corporation HMC7229LS6 Datasheet HTML 8Page - Hittite Microwave Corporation HMC7229LS6 Datasheet HTML 9Page - Hittite Microwave Corporation HMC7229LS6 Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
9
HMC7229LS6
v00.0513
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
With Power Detector, 37 - 40 GHz
The circuit board used in the application should use
RF circuit design techniques. Signal lines should
have 50 Ohm impedance while the package ground
leads and exposed paddle should be connected
directly to the ground plane similar to that shown.
A sufficient number of via holes should be used to
connect the top and bottom ground planes. The
evaluation circuit board shown is available from Hit-
tite upon request.
Evaluation PCB
Item
Description
J1 - J2
“K” Connector, SRI
J5 - J6
DC Pin
C1 - C6
100 pF Capacitor, 0402 Pkg.
C7 - C12
10000 pF Capacitor, 0603 Pkg..
C13 - C18
4.7 uF Capacitor, Case A Pkg.
R1 - R2
40.2K Ohm Resistor, 0402 Pkg.
U1
HMC7229LS6 Amplifier
PCB [2]
600-00812-00 Evaluation Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350 or Arlon 25FR
List of Materials for Evaluation PCB EV1HMC7229LS6 [1]
C2
C5
C15
C16
C13
U1
J5
J6
J1
J2
R1
R2
OUT
IN
600-00812-00-1
GND
GND
GND
VREF
GND
VDET
VD2
VD1
VG1
VD3
VD6
VD5
VD4
VG2
+



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com