Electronic Components Datasheet Search
  English  ▼

X  

TO-220 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TO-220
Description  TO-220 and TO-247 Style Power Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TO-220 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TO-220 Datasheet HTML 1Page - List of Unclassifed Manufacturers TO-220 Datasheet HTML 2Page - List of Unclassifed Manufacturers TO-220 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev Date: 03/14/2012
2
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
TR Series
TO-220 and TO-247 Style Power Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
0.410 ± 0.010
0.410 ± 0.010
0.400 ± 0.010
0.410 ± 0.010
0.410 ± 0.010
0.620 ± 0.010
inches
10.41 ± 0.26
10.41 ± 0.26
10.16 ± 0.25
10.41 ± 0.26
10.41 ± 0.26
15.75 ± 0.26
mm
0.640 ± 0.010
0.640 ± 0.010
0.581 ± 0.010
0.640 ± 0.010
0.640 ± 0.010
0.815 ± 0.010
inches
16.26 ± 0.26
16.26 ± 0.26
14.75 ± 0.25
16.26 ± 0.26
16.26 ± 0.26
20.70 ± 0.26
mm
0.125 ± 0.010
0.125 ± 0.010
0.175 ± 0.015
0.125 ± 0.010
0.125 ± 0.010
0.195 ± 0.010
inches
3.18 ± 0.26
3.18 ± 0.26
4.44 ± 0.38
3.18 ± 0.26
3.18 ± 0.26
4.95 ± 0.26
mm
0.050 ± 0.005
0.050 ± 0.005
0.050 ± 0.005
0.050 ± 0.005
0.050 ± 0.005
0.143 ± 0.007
inches
1.27 ± 0.13
1.27 ± 0.13
1.27 ± 0.13
1.27 ± 0.13
1.27 ± 0.13
3.63 ± 0.18
mm
0.030 ± 0.004
0.030 ± 0.004
0.031 ± 0.003
0.030 ± 0.004
0.030 ± 0.004
0.060 ± 0.004
inches
0.76 ± 0.10
0.76 ± 0.10
0.78 ± 0.08
0.76 ± 0.10
0.76 ± 0.10
1.52 ± 0.10
mm
0.200 ± 0.010
0.200 ± 0.010
0.200 ± 0.010
0.200 ± 0.010
0.200 ± 0.010
0.400 ± 0.010
inches
5.08 ± 0.26
5.08 ± 0.26
5.08 ± 0.26
5.08 ± 0.26
5.08 ± 0.26
10.16 ± 0.26
mm
0.130 ± 0.030
0.130 ± 0.030
0.130 ± 0.030
0.130 ± 0.030
0.130 ± 0.030
0.110 ± 0.030
inches
3.30 ± 0.76
3.30 ± 0.76
3.30 ± 0.76
3.30 ± 0.76
3.30 ± 0.76
2.79 ± 0.76
mm
0.500 ± 0.050
0.500 ± 0.050
0.539 ± 0.039
0.500 ± 0.050
0.500 ± 0.050
0.570 ± 0.050
inches
12.70 ± 1.27
12.70 ± 1.27
13.70 ± 1.00
12.70 ± 1.27
12.70 ± 1.27
14.48 ± 1.27
mm
0.020 ± 0.004
0.020 ± 0.004
0.024 ± 0.003
0.020 ± 0.004
0.020 ± 0.004
0.032 ± 0.010
inches
0.50 ± 0.10
0.50 ± 0.10
0.62 ± 0.08
0.50 ± 0.10
0.50 ± 0.10
0.81 ± 0.26
mm
0.070 ± 0.010
0.070 ± 0.010
0.090 ± 0.010
0.070 ± 0.010
0.070 ± 0.010
0.095 ± 0.010
inches
1.78 ± 0.26
1.78 ± 0.26
2.28 ± 0.25
1.78 ± 0.26
1.78 ± 0.26
2.41 ± 0.26
mm
0.125 ± 0.004
0.144 ± 0.004
0.125 ± 0.004
0.143 ± 0.007
inches
3.18 ± 0.10
3.65 ± 0.10
3.18 ± 0.10
3.63 ± 0.18
mm
0.125 ± 0.010
0.116 ± 0.004
0.125 ± 0.010
0.210 ± 0.010
inches
3.18 ± 0.26
2.95 ± 0.10
3.18 ± 0.26
5.33 ± 0.26
mm
0.051 ± 0.004
inches
1.30 ± 0.10
mm
0.240 ± 0.004
inches
6.10 ± 0.10
mm
TR50
TR50H
TR100
--
TR20
TR30
TR35
-
-
-
-
-
-
-
-
-
-
-
-
F
G
H
J
K
M
N
O
C
D
Type
Code
E
Unit
A
P
B
Mechanical Specifications
Mounting Note:
(1) When mounting ensure entire ceramic portion of case is mounted on a clean, flat heat sink with an
appropriate thermal interface, such as thermal grease. For screw mounting use of a compression washer
at a force of 150 to 300lbs (665 to 1330N) is recommended without exceeding mounting torque of 8 in-lbs
(0.9 N-m) to avoid package damage. For clip mounting use of a round or smooth clip in contact area is
recommended to avoid a concentrated hot spot on package.
(2) TR50/100 must be mounted to heat sink using proper mounting clip for efficient heat dissipation.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com