Electronic Components Datasheet Search
  English  ▼

X  

OPA2180ID Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2180ID
Description  0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2180ID Datasheet(HTML) 3 Page - Texas Instruments

  OPA2180ID Datasheet HTML 1Page - Texas Instruments OPA2180ID Datasheet HTML 2Page - Texas Instruments OPA2180ID Datasheet HTML 3Page - Texas Instruments OPA2180ID Datasheet HTML 4Page - Texas Instruments OPA2180ID Datasheet HTML 5Page - Texas Instruments OPA2180ID Datasheet HTML 6Page - Texas Instruments OPA2180ID Datasheet HTML 7Page - Texas Instruments OPA2180ID Datasheet HTML 8Page - Texas Instruments OPA2180ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
OPA2180
OPA4180
www.ti.com
SBOS584C – NOVEMBER 2011 – REVISED DECEMBER 2012
ELECTRICAL CHARACTERISTICS: VS = ±2 V to ±18 V (VS = +4 V to +36 V)
At TA = +25°C, RL = 10 kΩ connected to VS/2, and VCOM = VOUT = VS/2, unless otherwise noted.
OPA2180, OPA4180
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
15
75
μV
dVOS/dT
Input offset voltage drift
TA = –40°C to +105°C
0.1
0.35
μV/°C
VS = 4 V to 36 V, VCM = VS/2
0.1
0.5
μV/V
PSRR
Power-supply rejection ratio
TA = –40°C to +105°C,
0.5
μV/V
VS = 4 V to 36 V, VCM = VS/2
See
Long-term stability
μV
note(1)
Channel separation, dc
1
μV/V
INPUT BIAS CURRENT
OPA2180
±0.25
±1
nA
OPA2180, TA = –40°C to +105°C
±5
nA
IB
Input bias current
OPA4180
±0.25
±1.7
nA
OPA4180, TA = –40°C to +105°C
±6
nA
OPA2180
±0.5
±2
nA
OPA2180, TA = –40°C to +105°C
±2.5
nA
IOS
Input offset current
OPA4180
±3.4
nA
OPA4180, TA = –40°C to +105°C
±3
nA
NOISE
Input voltage noise
f = 0.1 Hz to 10 Hz
0.25
μVPP
en
Input voltage noise density
f = 1 kHz
10
nV/Hz
in
Input current noise density
f = 1 kHz
10
fA/Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
V–
(V+) – 1.5
V
(V–) < VCM < (V+) – 1.5 V
104
114
dB
CMRR
Common-mode rejection ratio
TA = –40°C to +105°C,
100
104
dB
(V–) + 0.5 V < VCM < (V+) – 1.5 V
INPUT IMPEDANCE
Differential
100/6
M
Ω/pF
Common-mode
6/9.5
1012
Ω/pF
OPEN-LOOP GAIN
(V–) + 500 mV < VO < (V+) – 500 mV, RL = 10 kΩ
110
120
dB
AOL
Open-loop voltage gain
TA = –40°C to +105°C,
104
114
dB
(V–) + 500 mV < VO < (V+) – 500 mV, RL = 10 kΩ
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
2
MHz
SR
Slew rate
G = +1
0.8
V/
μs
0.1%
VS = ±18 V, G = 1, 10-V step
22
μs
Settling time
0.01%
VS = ±18 V, G = 1, 10-V step
30
μs
Overload recovery time
VIN × G = VS
1
μs
THD+N
Total harmonic distortion + noise
f = 1 kHz, G = 1, VOUT = 1 VRMS
0.0001
%
(1)
1000-hour life test at +125°C demonstrated randomly distributed variation in the range of measurement limits, or approximately 4
μV.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: OPA2180 OPA4180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com