Electronic Components Datasheet Search
  English  ▼

X  

PS9331L Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PS9331L
Description  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9331L Datasheet(HTML) 5 Page - Renesas Technology Corp

  PS9331L Datasheet HTML 1Page - Renesas Technology Corp PS9331L Datasheet HTML 2Page - Renesas Technology Corp PS9331L Datasheet HTML 3Page - Renesas Technology Corp PS9331L Datasheet HTML 4Page - Renesas Technology Corp PS9331L Datasheet HTML 5Page - Renesas Technology Corp PS9331L Datasheet HTML 6Page - Renesas Technology Corp PS9331L Datasheet HTML 7Page - Renesas Technology Corp PS9331L Datasheet HTML 8Page - Renesas Technology Corp PS9331L Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
PS9331L, PS9331L2
R08DS0111EJ0200 Rev.2.00
Page 5 of 18
Jun 21, 2013
ELECTRICAL CHARACTERISTICS (at RECOMMENDED OPERATING CONDITIONS,
VEE = GND, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25
°C
1.35
1.56
1.75
V
Reverse Current
IR
VR = 3 V, TA = 25
°C
10
μA
Input Capacitance
CIN
f = 1 MHz, VF = 0 V
30
pF
Detector
High Level Output Current
IOH
VO = (VCC
− 4 V)
*2
0.5
2.2
A
VO = (VCC
− 15 V)
*3
2.0
Low Level Output Current
IOL
VO = (VEE + 2.5 V)
*2
0.5
2.4
A
VO = (VEE + 15 V)
*3
2.0
High Level Output Voltage
VOH
IO =
−100 mA
*4
VCC
− 3.0 VCC − 1.3
V
Low Level Output Voltage
VOL
IO = 100 mA
0.2
0.5
V
High Level Supply Current
ICCH
VO = Open
1.7
2.2
mA
Low Level Supply Current
ICCL
VO = Open
1.7
2.2
mA
VUVLO+
10.8
12.3
13.4
UVLO Threshold
VUVLO−
VO > 5 V, IF = 10 mA
9.5
11.0
12.5
V
UVLO Hysteresis
UVLOHYS
VO > 5 V, IF = 10 mA
0.4
1.3
V
Coupled
Threshold Input Current
(L
→ H)
IFLH
IO = 0 mA, VO > 5 V
1.7
4.0
mA
Threshold Input Voltage
(H
→ L)
VFHL
IO = 0 mA, VO < 5 V
0.8
V
Notes: *1. Typical values at TA = 25
°C, VCC − VEE = 30 V.
*2. Maximum pulse width = 50
μs, Maximum duty cycle = 0.5%.
*3. Maximum pulse width = 10
μs, Maximum duty cycle = 0.2%.
*4. VOH is measured with the DC load current in this testing (Maximum pulse width = 2 ms, Maximum duty cycle
= 20%).
SWITCHING CHARACTERISTICS (at RECOMMENDED OPERATING CONDITIONS,
VEE = GND, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Propagation Delay Time (L
→ H)
tPLH
Rg = 10
Ω, Cg = 10 nF,
80
175
ns
Propagation Delay Time (H
→ L)
tPHL
f = 10 kHz,
105
175
ns
Pulse Width Distortion (PWD)
|tPHL
−tPLH| Duty Cycle = 50%,
25
75
ns
Propagation Delay Time
(Difference Between Any Two
Products)
tPHL
−tPLH IF = 10 mA
−90
90
ns
Rise Time
tr
40
ns
Fall Time
tf
40
ns
Common Mode Transient
Immunity at High Level Output
|CMH|
TA = 25
°C, IF = 10 mA,
VCC = 30 V, VCM = 1.5 kV
50
kV/
μs
Common Mode Transient
Immunity at Low Level Output
|CML|
TA = 25
°C, IF = 0 mA,
VCC = 30 V, VCM = 1.5 kV
50
kV/
μs
Notes: *1. Typical values at TA = 25
°C, VCC−VEE = 30 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com