Electronic Components Datasheet Search
  English  ▼

X  

PS9331L2 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # PS9331L2
Description  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9331L2 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button PS9331L2 Datasheet HTML 3Page - Renesas Technology Corp PS9331L2 Datasheet HTML 4Page - Renesas Technology Corp PS9331L2 Datasheet HTML 5Page - Renesas Technology Corp PS9331L2 Datasheet HTML 6Page - Renesas Technology Corp PS9331L2 Datasheet HTML 7Page - Renesas Technology Corp PS9331L2 Datasheet HTML 8Page - Renesas Technology Corp PS9331L2 Datasheet HTML 9Page - Renesas Technology Corp PS9331L2 Datasheet HTML 10Page - Renesas Technology Corp PS9331L2 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
PS9331L, PS9331L2
R08DS0111EJ0200 Rev.2.00
Page 7 of 18
Jun 21, 2013
VCC
IF = 10 mA
10 kHz
50% DUTY
CYCLE
1.0 F
μ
VO
10
Ω
10 nF
tPHL
tPLH
IF
VOUT
80%
50%
20%
tr
tf
VCC = 30 V
VCM = 1.5 kV
1.0 F
μ
A
B
VO
IF
VOH
26 V
1 V
VOL
VCM
0 V
VO
(Switch A: IF = 10 mA)
VO
(Switch B: IF = 0 mA)
Fig. 8 tPLH, tPHL, tr, tf Test Circuit and Wave Forms
Fig. 9 CMR Test Circuit and Wave Forms
tr
1
2
3
6
5
4
SHIELD
1
2
3
6
5
4
SHIELD
Fig. 7 IFLH Test Circuit
IF
VCC
1.0 F
μ
VO > 5 V
1
2
3
6
5
4
SHIELD
+
-
tr
1 500 V
10%
90%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com