Electronic Components Datasheet Search
  English  ▼

X  

1.5SMC Datasheet(PDF) 4 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # 1.5SMC
Description  Surface Mount Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

1.5SMC Datasheet(HTML) 4 Page - Gaomi Xinghe Electronics Co., Ltd.

  1.5SMC Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. 1.5SMC Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd. 1.5SMC Datasheet HTML 3Page - Gaomi Xinghe Electronics Co., Ltd. 1.5SMC Datasheet HTML 4Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
RATINGS AND CHARACTERISTIC CURVES (1.5SMC SERIES)
FIG.5- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT UNIDIRECTIONAL ONLY
NUMBER OF CYCLES AT 60Hz
FIG.1- PEAK PULSE POWER RATING CURVE
tp, PULSE WIDTH, sec.
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG.3
T = 25 C
A
O
0.1 s
1s
10 s
100 s
1.0ms
10ms
0.1
1.0
10
100
FIG.3- PULSE WAVEFORM
t, TIME, ms
td
tr = 10 sec
PULSE WIDTH (td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS
to 50% of IPPM
Peak Value
IPPM
Half Value - I
PPM
2
10/1000 sec. WAVEFORM
as DEFINED by R.E.A.
0
1.0
2.0
3.0
4.0
0
50
100
150
FIG.2- PULSE DERATING CURVE
TA, AMBIENT TEMPERATURE. ( C)
O
0
25
50
75
100
125
150
175
200
0
50
100
150
200
FIG.4- TYPICAL JUNCTION CAPACITANCE
UNIDIRECTIONAL
V
, BREAKDOWN VOLTAGE. VOLTS
(BR)
UNIDIRECTIONAL
BIDIRECTIONA
V=0
R
Tj = 25 C
f=1.0MHz
Vsig=50mVp-p
O
V -RATED
STAND-OFF
VOLTAGE
R
1.0
10
100
200
10
100
1,000
10,000
8.3ms Single Half Sine Wave
JEDEC Method
Tj=Tj max.
1
10
100
10
100
200
GAOMI XINGHE ELECTRONICSCO.,LTD.     WWW.SDDZG.COM  TEL:0536-2210359



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com