Electronic Components Datasheet Search
  English  ▼

X  

TMP108AIYFFT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMP108AIYFFT
Description  Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP108AIYFFT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP108AIYFFT Datasheet HTML 4Page - Texas Instruments TMP108AIYFFT Datasheet HTML 5Page - Texas Instruments TMP108AIYFFT Datasheet HTML 6Page - Texas Instruments TMP108AIYFFT Datasheet HTML 7Page - Texas Instruments TMP108AIYFFT Datasheet HTML 8Page - Texas Instruments TMP108AIYFFT Datasheet HTML 9Page - Texas Instruments TMP108AIYFFT Datasheet HTML 10Page - Texas Instruments TMP108AIYFFT Datasheet HTML 11Page - Texas Instruments TMP108AIYFFT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TMP108
SBOS663 – APRIL 2013
www.ti.com
CONFIGURATION REGISTER
The configuration register is a 16-bit read and write register used to store bits that control the operational modes
of the temperature sensor. Read and write operations are performed MSB first. The format and power-up (reset)
default value of the configuration register is shown in Table 6, followed by an explanation of the register bits.
Other options for the default values are available by request.
Table 6. Configuration and Power-Up/Reset Format
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
ID
CR1
CR0
FH
FL
TM
M1
M0
1
0
0
1
0
0
1
1
0
POL
0
HYS1
HYS0
0
0
0
0
2
0
0
0
1
0
0
0
0
Hysteresis Control (HYS1 and HYS0)
When operating in comparator mode, the hysteresis control bits (HYS1 and HYS0) configure the hysteresis for
the limit comparison of the TMP108 to 0°C, 1°C, 2°C, or 4°C. The default hysteresis is 1°C. Table 7 shows the
settings for HYS1 and HYS0.
Table 7. Hysteresis Settings
HYS1
HYS0
HYSTERESIS
0
0
0°C
0
1
1°C (default)
1
0
2°C
1
1
4°C
Polarity (POL)
The polarity of the ALERT pin can be programmed using the POL bit. If POL = '0' (default), the ALERT is active
low. For POL = '1', the ALERT pin is active high, and the state of the ALERT pin is inverted.
Mode Bits (M1 and M0)
The mode bits, M1 and M0, can be set to three different modes: shutdown, one-shot, or continuous conversion.
Shutdown Mode (M1 = '0', M0 = '0')
Shutdown mode saves power by shutting down all device circuitry other than the serial interface, thus reducing
current consumption to typically less than 0.5
μA. Shutdown mode is enabled when M1 and M0 = '00'. The
device shuts down when current conversion is completed.
One-Shot Mode (M1 = '0', M0 = '1')
The TMP108 features a one-shot temperature measurement mode. When the device is in shutdown mode,
writing a ‘01’ to the M1 and M0 bits starts a single temperature conversion. During the conversion, the M1 and
M0 bits reads '01'. The device returns to the shutdown state at the completion of the single conversion. After the
conversion, the M1 and M0 bits read '00'. This feature is useful for reducing the power consumption of the
TMP108 when continuous temperature monitoring is not required.
As a result of the short conversion time, the TMP108 can achieve a higher conversion rate. A single conversion
typically takes 27 ms and a read can take place in less than 20
μs. However, when using one-shot mode, 30 or
more conversions per second are possible.
Continuous Conversion Mode (M1 = '1')
When the TMP108 is in continuous conversion mode (M1 = '1'), a single conversion is performed at a rate
determined by the conversion rate bits (CR1 and CR0 in the configuration register). The TMP108 performs a
single conversion, and then goes in standby and waits for the appropriate delay set by the CR1 and CR0 bits.
See Table 8 for CR1 and CR0 settings.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TMP108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com