Electronic Components Datasheet Search
  English  ▼

X  

TMP451 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMP451
Description  짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP451 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP451 Datasheet HTML 4Page - Texas Instruments TMP451 Datasheet HTML 5Page - Texas Instruments TMP451 Datasheet HTML 6Page - Texas Instruments TMP451 Datasheet HTML 7Page - Texas Instruments TMP451 Datasheet HTML 8Page - Texas Instruments TMP451 Datasheet HTML 9Page - Texas Instruments TMP451 Datasheet HTML 10Page - Texas Instruments TMP451 Datasheet HTML 11Page - Texas Instruments TMP451 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
TMP451
SBOS686 – JUNE 2013
www.ti.com
SERIES RESISTANCE CANCELLATION
Series resistance cancellation automatically eliminates the temperature error caused by the resistance of the
routing to the remote transistor or by the resistors of the optional external low-pass filter. A total of up to 1 k
Ω of
series resistance can be cancelled by the TMP451, eliminating the need for additional characterization and
temperature offset correction. See Figure 4, Remote Temperature Error vs Series Resistance, for details on the
effects of series resistance on sensed remote temperature error.
DIFFERENTIAL INPUT CAPACITANCE
The TMP451 tolerates differential input capacitance of up to 1000 pF with minimal change in temperature error.
The effect of capacitance on sensed remote temperature error is illustrated in Figure 5, Remote Temperature
Error vs Differential Capacitance.
TEMPERATURE MEASUREMENT DATA
The local and remote temperature sensors have a resolution of 12 bits (0.0625°C). Temperature data that result
from conversions within the default measurement range are represented in binary form, as shown in the
Standard Binary column of Table 1. Any temperature below 0°C results in a data value of 0 (00h). Likewise,
temperatures above +127°C result in a value of 127 (7Fh). The device can be set to measure over an extended
temperature range by changing bit 2 (RANGE) of configuration register from low to high. The change in
measurement range and data format from standard binary to extended binary occurs at the next temperature
conversion. For data captured in the extended temperature range configuration, an offset of 64 (40h) is added to
the standard binary value, as shown in the Extended Binary column of Table 1. This configuration allows
measurement of temperatures as low as –64°C, and as high as +191°C; however, most temperature-sensing
diodes only measure with the range of –55°C to +150°C. Additionally, the TMP451 is specified only for ambient
temperatures ranging from –40°C to +125°C; parameters in the Absolute Maximum Ratings table must be
observed.
Table 1. Temperature Data Format (Local and Remote Temperature High Bytes)
LOCAL/REMOTE TEMPERATURE REGISTER
HIGH BYTE VALUE (1°C RESOLUTION)
STANDARD BINARY(1)
EXTENDED BINARY(2)
TEMPERATURE
(°C)
BINARY
HEX
BINARY
HEX
–64
0000 0000
00
0000 0000
00
–50
0000 0000
00
0000 1110
0E
–25
0000 0000
00
0010 0111
27
0
0000 0000
00
0100 0000
40
1
0000 0001
01
0100 0001
41
5
0000 0101
05
0100 0101
45
10
0000 1010
0A
0100 1010
4A
25
0001 1001
19
0101 1001
59
50
0011 0010
32
0111 0010
72
75
0100 1011
4B
1000 1011
8B
100
0110 0100
64
1010 0100
A4
125
0111 1101
7D
1011 1101
BD
127
0111 1111
7F
1011 1111
BF
150
0111 1111
7F
1101 0110
D6
175
0111 1111
7F
1110 1111
EF
191
0111 1111
7F
1111 1111
FF
(1)
Resolution is 1°C/count. Negative numbers are represented in twos complement format.
(2)
Resolution is 1°C/count. All values are unsigned with a –64°C offset.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TMP451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com