Electronic Components Datasheet Search
  English  ▼

X  

357 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 357
Description  7/8" diameter single turn
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

357 Datasheet(HTML) 1 Page - Vishay Siliconix

  357 Datasheet HTML 1Page - Vishay Siliconix 357 Datasheet HTML 2Page - Vishay Siliconix 357 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Model 357
www.vishay.com
Vishay Spectrol
Revision: 17-Apr-13
1
Document Number: 57059
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
7/8" (22.2 mm) Conductive Plastic
Potentiometer, Bushing Mount Type
FEATURES
• 7/8" diameter single turn
• Compact size, advanced design technology
• Offer a cost effective solution to your
potentiometer requirements
• Suitable model for all industrial applications
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
QUICK REFERENCE DATA
Sensor type
ROTATIONAL, conductive plastic
Output type
Output by turrets
Market appliance
Industrial
Dimensions
7/8" (22.2 mm)
ELECTRICAL SPECIFICATIONS
PARAMETER
Resistance
Standard range, 1 k
 to 50 k
Tolerance
STANDARD
± 20 %
SPECIAL TO
± 10 %
Linearity (independent)
STANDARD
± 2.0 %
SPECIAL
± 1.0 %
Output smoothness
0.1 % maximum
TCR
± 600 ppm/°C maximum
Power rating
1.0 W at 70 °C derated to 0 W at 125 °C
Electrical travel
340° ± 3°
End voltage
0.5 % maximum
Dielectric withstanding voltage
1000 VRMS, 60 Hz
Insulation resistance
1000 M
, 500 V
DC
MECHANICAL SPECIFICATIONS
PARAMETER
Rotation
360° continuous (optional mechanical stops 340° ± 3°)
Mounting
3/8 - 32 UNEF - 2A
Operating torque maximum
Starting and running 3.68 mNm (0.5 oz. - in)
Shaft tolerance maximum
Runout
0.13 mm (0.005")
End play
0.25 mm (0.010")
Radial play
0.13 mm (0.005")
Weight
17.5 g (0.62 oz.)
ORDERING INFORMATION/DESCRIPTION
357
B
0
10K
20 %
A
BO50
0 P 22
e4
MODEL
STYLE
FEATURES
OHMIC
VALUE
TOLERANCE ON
OHMIC VALUE
LINEARITY
PACKAGING
SHAFT TYPE
LEAD
FINISH
Bushing
0
Non turn pin and
continuous rotation
From 1K
to 50 K
± 10 %
or
± 20 %
X: ± 2 %
A: ± 1 %
Box of 50
pieces
Shaft diameter
0 = 6.0 mm or
1 = 6.35 mm (1/4")
1
No non turn pin and
continuous rotation
Shaft type
P = Plain
S = Slotted FMF (from
mounting face)
2
Non turn pin, with
stops on rotation
Range from
12 mm to 75 mm in
1 mm increments
3
No non turn pin
with stops on
rotation


Similar Part No. - 357

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
357 CTS-357 Datasheet
501Kb / 3P
5x7mm Low Cost Surface Mount VCXO
logo
3M Electronics
357 3M-357 Datasheet
902Kb / 3P
3M™ Power Clamp Branch Connector
20-Dec-2009
logo
Energizer
357 ENERGIZER-357 Datasheet
73Kb / 1P
Silver Oxide Batteries
logo
Vishay Siliconix
357 VISHAY-357 Datasheet
99Kb / 4P
(22.2 mm) Conductive Plastic Potentiometer, Bushing Mount Type
18-Oct-2021
logo
EDAC, All Rights Reserv...
357 EDAC-357 Datasheet
270Kb / 3P
Card Edge Connectors 0.156” (3.96mm) Pitch
More results

Similar Description - 357

ManufacturerPart #DatasheetDescription
logo
Bi technologies
7480 BITECH-7480 Datasheet
78Kb / 5P
7/8 Diameter 5-Turn Wirewound Precision Potentiometer
5100 BITECH-5100 Datasheet
104Kb / 4P
7/8 Diameter Single Turn Wirewound Precision Potentiometer
6143 BITECH-6143 Datasheet
83Kb / 4P
7/8 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
7280 BITECH-7280 Datasheet
77Kb / 5P
7/8 Diameter 10-Turn Wirewound Precision Potentiometer
7380 BITECH-7380 Datasheet
78Kb / 5P
7/8 Diameter 3-Turn Wirewound Precision Potentiometer
6187R10KT5L1.0 BITECH-6187R10KT5L1.0 Datasheet
374Kb / 3P
7/8??Diameter Single Turn Conductive Plastic Precision Potentiometer Position Sensor
7481 BITECH-7481 Datasheet
293Kb / 4P
7/8 Diameter 5-Turn Wirewound Precision Potentiometer
7381 BITECH-7381 Datasheet
294Kb / 4P
7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7281 BITECH-7281 Datasheet
345Kb / 4P
7/8 Diameter 10-Turn Wirewound Precision Potentiometer
logo
Vishay Siliconix
T7YA474MB40 VISHAY-T7YA474MB40 Datasheet
94Kb / 5P
7 mm Diameter Miniature Single-Turn Cermet Trimmer
18-Jul-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com