Electronic Components Datasheet Search
  English  ▼

X  

91034 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 91034
Description  Third generation Power MOSFETs from Vishay provide the designer with the best combination of fast switching, ruggedlzed device design, low on-resistance and cost-effectiveness
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

91034 Datasheet(HTML) 1 Page - Vishay Siliconix

  91034 Datasheet HTML 1Page - Vishay Siliconix 91034 Datasheet HTML 2Page - Vishay Siliconix 91034 Datasheet HTML 3Page - Vishay Siliconix 91034 Datasheet HTML 4Page - Vishay Siliconix 91034 Datasheet HTML 5Page - Vishay Siliconix 91034 Datasheet HTML 6Page - Vishay Siliconix 91034 Datasheet HTML 7Page - Vishay Siliconix 91034 Datasheet HTML 8Page - Vishay Siliconix 91034 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 91034
www.vishay.com
S11-0509-B, 21-Mar-11
1
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power MOSFET
IRF634, SiHF634
Vishay Siliconix
FEATURES
• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
•Fast Switching
• Ease of Paralleling
• Simple Drive Requirements
• Compliant to RoHS Directive 2002/95/EC
DESCRIPTION
Third generation Power MOSFETs from Vishay provide the
designer with the best combination of fast switching,
ruggedized
device
design,
low
on-resistance
and
cost-effectiveness.
The TO-220AB package is universally preferred for all
commercial-industrial applications at power dissipation
levels to approximately 50 W. The low thermal resistance
and low package cost of the TO-220AB contribute to its
wide acceptance throughout the industry.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = 50 V, starting TJ = 25 °C, L = 7.3 mH, Rg = 25 , IAS = 8.1 A (see fig. 12).
c. ISD  8.1 A, dI/dt  120 A/μs, VDD  VDS, TJ  150 °C.
d. 1.6 mm from case.
PRODUCT SUMMARY
VDS (V)
250
RDS(on) ()VGS = 10 V
0.45
Qg (Max.) (nC)
41
Qgs (nC)
6.5
Qgd (nC)
22
Configuration
Single
N-Channel MOSFET
G
D
S
TO-220AB
G
D
S
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
TO-220AB
Lead (Pb)-free
IRF634PbF
SiHF634-E3
SnPb
IRF634
SiHF634
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
250
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
8.1
A
TC = 100 °C
5.1
Pulsed Drain Currenta
IDM
32
Linear Derating Factor
0.59
W/°C
Single Pulse Avalanche Energyb
EAS
300
mJ
Repetitive Avalanche Currenta
IAR
8.1
A
Repetitive Avalanche Energya
EAR
7.4
mJ
Maximum Power Dissipation
TC = 25 °C
PD
74
W
Peak Diode Recovery dV/dtc
dV/dt
4.8
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
Mounting Torque
6-32 or M3 screw
10
lbf · in
1.1
N · m
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - 91034

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9103 ETC1-9103 Datasheet
127Kb / 1P
SHIELDED ADJUSTABLE RF COILS
9103 ETC2-9103 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
B&K Precision Corporati...
9103 BK-9103 Datasheet
1Mb / 3P
Multi-Range DC Power Supplies
logo
Heyco.
9103 HEYCO-9103 Datasheet
117Kb / 1P
Releasable Type T Rivets
logo
Sensata Technologies, I...
9103 SENSATA-9103 Datasheet
136Kb / 2P
MEASURING WHEEL
Rev:08/21/18
More results

Similar Description - 91034

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP9926EO ETC1-AP9926EO Datasheet
82Kb / 6P
Power MOSFETs from APEC provide the designer with the best combination of fast switching
logo
International Rectifier
AN-994-1 IRF-AN-994-1 Datasheet
120Kb / 7P
MAXIMIZING THE EFFECTIVENESS OF YOUR SMD ASSEMBLIES
logo
Freescale Semiconductor...
MC68HC705J2 FREESCALE-MC68HC705J2 Datasheet
2Mb / 82P
member of the low-cost
logo
Estek Electronics Co. L...
IW4011B ESTEK-IW4011B Datasheet
98Kb / 4P
NAND gates provide the system designer with direct implementation of the NAND function
logo
NXP Semiconductors
BGU8007 PHILIPS-BGU8007 Datasheet
331Kb / 2P
The best reception of GNSS signals with the smallest footprint
October 2011
logo
Advanced Power Electron...
AP01L60AT A-POWER-AP01L60AT_10 Datasheet
111Kb / 5P
Advanced Power MOSFETs utilized advanced processing techniques to achieve the lowest possible on-resistance, extremely efficient and costeffectiveness effectiveness
logo
Vishay Siliconix
91032 VISHAY-91032 Datasheet
175Kb / 9P
the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness
30-May-11
logo
Omron Electronics LLC
G6Y-1-DC5 OMRON-G6Y-1-DC5 Datasheet
353Kb / 6P
Switching Structure Based on the Micro Strip Line is Used to Combine High Performance and Cost effectiveness
logo
Seoul Semiconductor
STW9B12B-NZ SEOUL-STW9B12B-NZ Datasheet
947Kb / 23P
Achieving the best system cost in Mid Power
logo
Tiger Electronic Co.,Lt...
CD4011 TGS-CD4011 Datasheet
2Mb / 4P
The CD4011 NAND gates provide the system designer with direct implementation of the NAND function
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com