Electronic Components Datasheet Search
  English  ▼

X  

ERL Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ERL
Description  Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ERL Datasheet(HTML) 3 Page - Vishay Siliconix

  ERL Datasheet HTML 1Page - Vishay Siliconix ERL Datasheet HTML 2Page - Vishay Siliconix ERL Datasheet HTML 3Page - Vishay Siliconix ERL Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ERL (Military RLR)
www.vishay.com
Vishay Dale
Revision: 19-Nov-12
3
Document Number: 31023
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MARKING (per MIL-PRF-39017)
Tolerance: F = 1 %, G = 2 %
Value = Three significant figures and multiplier
J = JAN (Joint Army - Navy) brand
RLR05: (3 lines)
RLR07: (4 lines)
210A
3-digit date code and lot code
214AJ
3-digit date code, lot code and JAN
1002
Value
RLR7C
Style (“0” omitted) and lead material
FSJD
Tolerance, failure rate, JAN and manufacturer’s code
1300G
Value and tolerance
RD
Failure rate and manufacturer’s code
RLR20, RLR32: (4 lines)
91637
CAGE code
RLR20C
Style and lead material
4993FR
Value, tolerance and failure rate
1225AJ
4-digit date code, lot code and JAN
AMBIENT TEMPERATURE IN °C
DERATING
70
0
20
40
60
80
100
120
- 65 - 50 - 25
0
25
50
75
100
125
150
175
200
0
20
40
60
80
100
120
APPLIED POWER IN W
0
0.125
0.25
0.375
0.5
0.625
0.75 0.875
1
1.125
THERMAL RESISTANCE
ERL32
ERL20
ERL07
ERL05



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com