Electronic Components Datasheet Search
  English  ▼

X  

2100HT Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2100HT
Description  High Temperature, High Current Toroid Inductors DC/DC converters EMI fi lters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2100HT Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2100HT Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel. (877) 426-8767 • Fax (951) 781-5006
www.bourns.com
23.2
High Temperature, High Current Toroid Inductors
2100HT Series
Part
Number
L (µH)
± 15 %
@ 1 KHz
Idc*
(A)
L (µH)
±15 %
@ I rated
DCR
(Ω)
Max.
Dim.
A
Nom.
Dim.
B
Nom.
Dim.
C
Nom.
2100HT-1R0-RC
1.0
21.7
0.8
0.003
0.34
0.77
0.053
2100HT-1R5-RC
1.5
19.8
1.2
0.003
0.34
0.77
0.053
2100HT-2R2-RC
2.2
18.3
1.8
0.004
0.34
0.77
0.053
2100HT-2R7-RC
2.7
17.1
2.1
0.004
0.34
0.77
0.053
2100HT-3R3-RC
3.3
16.1
2.6
0.005
0.34
0.77
0.053
2100HT-3R9-RC
3.9
15.3
3.0
0.005
0.34
0.77
0.053
2100HT-4R7-RC
4.7
14.9
3.5
0.006
0.34
0.77
0.053
2100HT-5R6-RC
5.6
14.3
4.1
0.006
0.34
0.77
0.053
2100HT-6R8-RC
6.8
13.7
4.9
0.006
0.34
0.77
0.053
2100HT-8R2-RC
8.2
13.2
5.9
0.007
0.34
0.77
0.053
2100HT-100-RC
10
9.9
7.6
0.012
0.33
0.76
0.042
2100HT-120-RC
12
9.6
9.0
0.013
0.33
0.76
0.042
2100HT-150-RC
15
9.1
11.0
0.014
0.33
0.76
0.042
2100HT-180-RC
18
8.6
13.0
0.016
0.33
0.76
0.042
2100HT-220-RC
22
6.7
16.6
0.026
0.32
0.75
0.034
2100HT-270-RC
27
6.4
20.1
0.028
0.32
0.75
0.034
2100HT-330-RC
33
6.1
24.0
0.031
0.35
0.79
0.034
2100HT-390-RC
39
5.9
28.0
0.033
0.35
0.79
0.034
2100HT-470-RC
47
5.6
33.1
0.036
0.35
0.79
0.034
2100HT-560-RC
56
5.3
38.5
0.040
0.35
0.79
0.034
2100HT-680-RC
68
5.1
46.0
0.044
0.35
0.79
0.034
2100HT-820-RC
82
4.8
54.0
0.049
0.35
0.79
0.034
2100HT-101-RC
100
4.6
64.5
0.053
0.35
0.79
0.034
2100HT-121-RC
120
3.5
84.4
0.094
0.34
0.77
0.027
2100HT-151-RC
150
3.3
102.8
0.11
0.34
0.77
0.027
2100HT-181-RC
180
3.1
120.7
0.12
0.34
0.77
0.027
2100HT-221-RC
220
3.0
144.2
0.13
0.35
0.79
0.027
2100HT-271-RC
270
2.8
172.6
0.14
0.35
0.79
0.027
2100HT-331-RC
330
2.7
206.0
0.16
0.35
0.79
0.027
2100HT-391-RC
390
2.1
266.7
0.27
0.33
0.76
0.022
2100HT-471-RC
470
2.0
314.4
0.29
0.35
0.79
0.022
2100HT-561-RC
560
1.9
366.9
0.32
0.35
0.79
0.022
2100HT-681-RC
680
1.8
435.1
0.35
0.35
0.79
0.022
2100HT-821-RC
820
1.7
512.0
0.39
0.37
0.81
0.022
2100HT-102-RC
1000
1.6
608.2
0.43
0.37
0.81
0.022
Special Features
• High temperature rating-up to +200 °C
• Low magnetic radiation
• High current capacity
• Horizontal or vertical mount available
• Low cost
• Operating temperature: -55 to +200 °C
Typical Applications
• High operating temperature environments
• DC/DC converters
• Output chokes
• EMI filters
Notes
* Rated Idc causes a 50 °C temperature rise
** Insert -H or -V for mounting style before -RC
Example: 2100HT-271-H-RC
Dimensions: Inches
Mounting Plane
Mounting Plane
Vertical
Horizontal
Leads tinned to within
0.062 inch above
mounting plane.
0.5 inch lead length.
Leads tinned to within
0.062 inch above
mounting plane.
0.5 inch lead length.
C
C
A
B
0.86
Max.
0.45
Max.
0.45
Max.
0.062 Inch Max.
0.062 inch
Max.
0.86
Max.
† RoHS Directive 2002/95/EC Jan 27 2003
including Annex.
“-RC” suffix indicates RoHS compliance.
REV. 07/09


Similar Part No. - 2100HT

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
2100HF ADVANCEDENERGY-2100HF Datasheet
248Kb / 4P
TREK 2100HF
7.7.2022
More results

Similar Description - 2100HT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2218 ETC1-2218 Datasheet
32Kb / 1P
high Current Toroid Inductors
logo
Bourns Electronic Solut...
5722 BOURNS-5722 Datasheet
474Kb / 1P
High Current Toroid Inductors
2221-H BOURNS-2221-H Datasheet
111Kb / 1P
High Current Toroid Inductors
2300HT-331-H-RC BOURNS-2300HT-331-H-RC Datasheet
106Kb / 1P
High Temperature, High Current Toroid Inductors
2200HT-1R2-RC BOURNS-2200HT-1R2-RC Datasheet
112Kb / 1P
High Temperature, High Current Toroid Inductors
2300HT-1R2-RC BOURNS-2300HT-1R2-RC Datasheet
106Kb / 1P
High Temperature, High Current Toroid Inductors
logo
MPS Industries, Inc.
P11T60 MPSIND-P11T60 Datasheet
302Kb / 2P
HIGH CURRENT TOROID INDUCTORS HIGH TEMPERATURE, CLASS H
logo
VPT, Inc.
HTD1R5B-1200D VPT-HTD1R5B-1200D Datasheet
569Kb / 11P
HIGH TEMPERATURE HYBRID DC-DC CONVERTERS
HTD1R5N-1200D VPT-HTD1R5N-1200D Datasheet
560Kb / 12P
HIGH TEMPERATURE HYBRID DC-DC CONVERTERS
HTD1R5N-2800D VPT-HTD1R5N-2800D Datasheet
577Kb / 12P
HIGH TEMPERATURE HYBRID DC-DC CONVERTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com