Electronic Components Datasheet Search
  English  ▼

X  

AFE5809 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5809
Description  Analog Front End for Ultrasonic Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5809 Datasheet(HTML) 7 Page - Texas Instruments

  AFE5809 Datasheet HTML 1Page - Texas Instruments AFE5809 Datasheet HTML 2Page - Texas Instruments AFE5809 Datasheet HTML 3Page - Texas Instruments AFE5809 Datasheet HTML 4Page - Texas Instruments AFE5809 Datasheet HTML 5Page - Texas Instruments AFE5809 Datasheet HTML 6Page - Texas Instruments AFE5809 Datasheet HTML 7Page - Texas Instruments AFE5809 Datasheet HTML 8Page - Texas Instruments AFE5809 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
• 8 CH AFE with LNA, VCAT, PGA, LPF, ADC, CW Mixer
and integrated:
• Digital I/Q demodulator
• Continuous wave Doppler (CWD)
• 14 bit ADC w/ 77 dBFS SNR.
• Selectable power/noise combo’s to optimize system
• 158mW/ch at 0.75nV/rtHz, 65MSPS
• 99mW/ch at 1.1nV/rtHz, 40MSPS
• 80mW/ch at CW Mode
• Package: 15 mm x 9 mm, 135-BGA
• Complete AFE for Ultrasound and Ultrasonic systems
• Lowers interface rate, cost of FPGA
• Measures blood flow velocity in Spectral Doppler systems
• Best in-class noise levels for crisp image qualities.
• Ability to fine-tune power consumption for portable
systems
Applications
• Ultrasound Imaging
• Non-destructive Testing
• Sonar
• Military Radar
Features
Benefits
AFE5809:
AFE with Passive CW Mixer & Digital I/Q Demod
Samples: Now
EVM: Now
Production: Released!



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com