Electronic Components Datasheet Search
  English  ▼

X  

STF6N95K5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STF6N95K5
Description  N-channel 950 V, 1 Ω typ., 9 A Zener-protected SuperMESH™5 Power MOSFET in DPAK, TO-220FP, TO-220, TO-247 and IPAK
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF6N95K5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STF6N95K5 Datasheet HTML 3Page - STMicroelectronics STF6N95K5 Datasheet HTML 4Page - STMicroelectronics STF6N95K5 Datasheet HTML 5Page - STMicroelectronics STF6N95K5 Datasheet HTML 6Page - STMicroelectronics STF6N95K5 Datasheet HTML 7Page - STMicroelectronics STF6N95K5 Datasheet HTML 8Page - STMicroelectronics STF6N95K5 Datasheet HTML 9Page - STMicroelectronics STF6N95K5 Datasheet HTML 10Page - STMicroelectronics STF6N95K5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
STD6N95K5, STF6N95K5, STP6N95K5, STW6N95K5, STU6N95K5
Electrical characteristics
Doc ID 16958 Rev 3
7/23
Figure 8.
Output characteristics
Figure 9.
Transfer characteristics
Figure 10.
Gate charge vs gate-source voltage Figure 11.
Static drain-source on-resistance
Figure 12.
Capacitance variations
Figure 13.
Output capacitance stored energy
ID
6
4
2
0
0
10
VDS(V)
20
(A)
5
15
25
8
10
5V
6V
7V
VGS=10V
12
AM07108v1
ID
6
4
2
0
0
4
VGS(V)
8
(A)
2
6
8
VDS=15V
AM07109v1
VGS
6
4
2
0
0
2
Qg(nC)
(V)
8
8
4
6
10
VDD=760V
ID=6A
10
12
300
200
100
0
400
500
VDS
(V)
600
700
12
14
VDS
AM07110v1
RDS(on)
0.93
0.91
0.89
0.87
0.5
1.5
ID(A)
(Ohm)
1.0
2.0
0.95
0.97
0.99
1.01
VGS=10V
2.5
3.0
1.03
AM07111v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
AM07112v1
Eoss
6
4
2
0
0
100
VDS(V)
(µJ)
400
8
200
300
10
12
500
600
14
16
18
1
20
22
700
800
900
AM07113v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com