Electronic Components Datasheet Search
  English  ▼

X  

ESDA6V1-4P6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDA6V1-4P6
Description  Transil array for ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1-4P6 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDA6V1-4P6 Datasheet HTML 1Page - STMicroelectronics ESDA6V1-4P6 Datasheet HTML 2Page - STMicroelectronics ESDA6V1-4P6 Datasheet HTML 3Page - STMicroelectronics ESDA6V1-4P6 Datasheet HTML 4Page - STMicroelectronics ESDA6V1-4P6 Datasheet HTML 5Page - STMicroelectronics ESDA6V1-4P6 Datasheet HTML 6Page - STMicroelectronics ESDA6V1-4P6 Datasheet HTML 7Page - STMicroelectronics ESDA6V1-4P6 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
May 2007
Rev 3
1/8
8
ESDAxxxP6
ASD
Transil™ array for ESD protection
Main applications
Where transient overvoltage protection in ESD
sensitive equipment is required, such as:
Computers
Servers
Printers
Communication systems and cellular phones
Video equipment
These devices are particularly adapted to the
protection of symmetrical signals.
Features
4 / 5 Unidirectional
(ESDA6V1P6 and ESDA6V1-5P6) and
Bidirectional (ESDA14V2BP6 and
ESDA25-4BP6) Transil functions
Breakdown voltage:
VBR = 6.1 V min., 14.2 V min. and 25 V min.
Low leakage current:
< 500 nA (ESDA6V1P6 / ESDA6V1-5P6)
< 1 µA (ESDA14V2BP6 and ESDA25-4BP6)
Very small PCB area < 2.6 mm2
Description
The ESDAxxxP6 are monolithic arrays designed
to protect up to 5 lines against ESD transients.
These devices are ideal where board space
saving and reduced line capacitance are required.
Benefits
High ESD protection level
High integration
Suitable for high density boards
Complies with the following standards:
Order codes
Figure 1.
ESDA6V1P6 functional diagram
Figure 2.
ESDA6V1-5P6 functional diagram
Figure 3.
ESDA14V2BP6 and ESDA25-4BP6
functional diagram
TM: Transil is a trademark of STMicroelectronics
IEC61000-4-2 level 4:
15 kV (air discharge)
8 kV (contact discharge)
MIL STD 883E-Method 3015-7: class3
25 kV (Human Body Model)
Part Number
Marking
ESDA6V1P6
B
ESDA6V1-5P6
C
ESDA14V2BP6
A
ESDA25-4BP6
V
SOT-666IP
(Internal pad)
ESDA6V1P6
ESDA6V1-5P6
SOT-666
ESDA14V2BP6
ESDA25-4BP6
I/O1
I/O2
GND
GND
I/O4
I/O3
I/O1
I/O2
GND
I/O5
I/O4
I/O3
I/O1
I/O2
GND
I/O4
GND
I/O3
www.st.com


Similar Part No. - ESDA6V1-4P6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA6V1-4BC6 STMICROELECTRONICS-ESDA6V1-4BC6 Datasheet
50Kb / 5P
QUAD BIDIRECTIONAL TRANSIL SUPPRESSOR FOR ESD PROTECTION
Nov-2002
ESDA6V1-4BC6 STMICROELECTRONICS-ESDA6V1-4BC6 Datasheet
60Kb / 6P
QUAD BIDIRECTIONAL TRANSIL SUPPRESSOR FOR ESD PROTECTION
04-Nov-2004
ESDA6V1-4BC6 STMICROELECTRONICS-ESDA6V1-4BC6_04 Datasheet
60Kb / 6P
QUAD BIDIRECTIONAL TRANSIL SUPPRESSOR FOR ESD PROTECTION
04-Nov-2004
ESDA6V1-4F1 STMICROELECTRONICS-ESDA6V1-4F1 Datasheet
43Kb / 6P
QUAD TRANSIL ARRAY FOR ESD PROTECTION
July 2002 - Ed: 2A
More results

Similar Description - ESDA6V1-4P6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA25B1 STMICROELECTRONICS-ESDA25B1 Datasheet
41Kb / 5P
TRANSIL ARRAY FOR ESD PROTECTION
02-Apr-1000
ESDA25DB3 STMICROELECTRONICS-ESDA25DB3 Datasheet
48Kb / 5P
TRANSIL ARRAY FOR ESD PROTECTION
02-Apr-1000
ESDA6V1S3 STMICROELECTRONICS-ESDA6V1S3 Datasheet
65Kb / 7P
TRANSIL ARRAY FOR ESD PROTECTION
02-Apr-1000
ESDA17 STMICROELECTRONICS-ESDA17 Datasheet
40Kb / 5P
TRANSIL??ARRAY FOR ESD PROTECTION
Nov-2002
ESDA6V1-5W6 STMICROELECTRONICS-ESDA6V1-5W6 Datasheet
76Kb / 9P
TRANSIL ARRAY FOR ESD PROTECTION
Mar-2000
ESDA6V1-5SC6 STMICROELECTRONICS-ESDA6V1-5SC6 Datasheet
40Kb / 5P
TRANSIL ARRAY FOR ESD PROTECTION
Feb-2002
ESDA6V1P6 STMICROELECTRONICS-ESDA6V1P6 Datasheet
210Kb / 8P
QUAD TRANSIL™ ARRAY FOR ESD PROTECTION
Jan-2003
DSDA6V1-5P6 STMICROELECTRONICS-DSDA6V1-5P6 Datasheet
50Kb / 5P
TRANSIL™ ARRAY FOR ESD PROTECTION
Oct-2002
ESDAXXXP6 STMICROELECTRONICS-ESDAXXXP6 Datasheet
112Kb / 8P
Transil??array for ESD protection
26-Jun-2006
ESDA6V1-5SC6 STMICROELECTRONICS-ESDA6V1-5SC6_04 Datasheet
55Kb / 5P
TRANSIL??ARRAY FOR ESD PROTECTION
04-Nov-2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com