Electronic Components Datasheet Search
  English  ▼

X  

VS6524P02S Datasheet(PDF) 2 Page - STMicroelectronics

Part # VS6524P02S
Description  VGA Mobile Camera Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6524P02S Datasheet(HTML) 2 Page - STMicroelectronics

  VS6524P02S Datasheet HTML 1Page - STMicroelectronics VS6524P02S Datasheet HTML 2Page - STMicroelectronics VS6524P02S Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VS6524
2/3
Figure 1. Application Diagram
Figure 2. Block diagram
PART NUMBERING
Table 2. Order Codes
Table 1. Technical Specifications
Active pixels
640H x 480V
Pixel size
3.6 x 3.6µm
Array size
2.38 x 1.77 mm
Color filter array
RGB Bayer
Exposure control
+120 dB
Analog gain
+24 dB (max)
Dynamic range
61 dB (typical)
Signal-to-noise Ratio
35 dB at 100 lux (typical)
Frame rate
1 to 30 Hz
Image format
VGA, QVGA, QQVGA,
subQCIF
Arbitrary cropping
Horizontal/vertical flipping
Pixel format
YUV 4:2:2
RGB 565, RGB 444
Raw Bayer 10-bit
CLK
CE
D[7:0]
VGA Mobile
VS6524
SCL, SDA
Baseband
or
Application
Processor
Camera Module
HSYNC
VSYNC
PCLK
FSO
SCL
SDA
CLK
CE
D[7:0]
HSYNC, VSYNC
PCLK
FSO
AVDD
AGND
VDD
DGND
1152 x 864
640 x 480
Column ADC
X Decoder
Line SRAM
Video
Processor
Camera
Controller
PLL and Clock Management
Power Mgmt
Power-On Reset
Pixel array
VS6524
Video Interface
8-bit parallel video, hsync,
vsync
ITU-R BT.656-4 compliant,
24 MHz max
Clock input
6.5 to 27 MHz square
13 MHz typ. (on-chip PLL)
Supply voltage
2.4 to 3.0 V analog
I/O voltage
1.8 or 2.8 V +/- 0.1 V
CMOS levels
Power consumption
Streaming 30 fps: 30 mA
max
Power down: 10 µA max.
Lens
2-element, 50° HFOV, F#
2.8
Depth of field
20 cm to infinite
TV distortion
< 1%
Relative illumination
45% typ.
Package type
SmOP2
Package size
7.0 x 7.0 x 4.5 mm (wlh)
System attach
FPC with 20-pin B2B
connector, Molex 55560-
0201 or equivalenta
a.
Contact us for custom FPC designs and/or ZIF connector
variants
Part Number
Description
VS6524P02S
SmOP2 7.0 x 7.0 x 4.5 mm
FPC attach, tray packing
Table 1. Technical Specifications



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com