Electronic Components Datasheet Search
  English  ▼

X  

STW5093CYLT Datasheet(PDF) 5 Page - STMicroelectronics

Part # STW5093CYLT
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5093CYLT Datasheet(HTML) 5 Page - STMicroelectronics

  STW5093CYLT Datasheet HTML 1Page - STMicroelectronics STW5093CYLT Datasheet HTML 2Page - STMicroelectronics STW5093CYLT Datasheet HTML 3Page - STMicroelectronics STW5093CYLT Datasheet HTML 4Page - STMicroelectronics STW5093CYLT Datasheet HTML 5Page - STMicroelectronics STW5093CYLT Datasheet HTML 6Page - STMicroelectronics STW5093CYLT Datasheet HTML 7Page - STMicroelectronics STW5093CYLT Datasheet HTML 8Page - STMicroelectronics STW5093CYLT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
5/34
STW5093
1.0 FUNCTIONAL DESCRIPTION
1.1 DEVICE OPERATION
1.1.1 Power on initialization:
When power is first applied, power on reset circuitry initializes STw5093 and puts it into the power down state.
Gain Control Registers for the various programmable gain amplifiers and programmable switches are initialized
as indicated in the Control Register description section. All CODEC functions are disabled.
The desired selection for all programmable functions may be intialized prior to a power up command using the
MICROWIRE control channel.
Note: after register programming, a subsequent activation of the internal Power on Reset can be detected by
programming to 1 the DO bit in the CR1 register; this sets to the logic level 0 the LO output. If an internal Power
on Reset occurs, LO automatically switches to logic level 1.
1.1.2 Power up/down control:
Following power-on initialization, power up and power down control may be accomplished by writing any of the
control instructions listed in Table 1 into STw5093 with "P" bit set to 0 for power up or 1 for power down.
Normally, it is recommended that all programmable functions be initially programmed while the device is pow-
ered down. Power state control can then be included with the last programming instruction or in a separate sin-
gle byte instruction.
Any of the programmable registers may also be modified while STw5093 is powered up or down by setting "P"
bit as indicated. When power up or down control is entered as a single byte instruction, bit 1 must be set to a 0.
When a power up command is given, all de-activated circuits are activated, but output DX will remain in the high
impedance state until the second Fs pulse after power up.
1.1.3 Power down state:
Following a period of activity, power down state may be reentered by writing a power down instruction.
Control Registers remain in their current state and can be changed by MICROWIRE control interface.
In addition to the power down instruction, detection of loss MCLK (no transition detected) automatically enters
the device in "reset" power down state with DX output in the high impedance state.
1.1.4 Transmit section:
Transmit analog interface is designed in two stages to enable gains up to 42.5 dB to be realized. Stage 1 is a
low noise differential amplifier providing a selectable 0 or 20 dB gain via bit 1 (PG) of register CR4. A microphone
may be capacitevely connected to MIC1+, MIC1- inputs, while the MIC2+ MIC2Ä and MIC3+ MIC3- inputs may
be used to capacitively connect a second microphone or a third microphone respectively or an auxiliary audio
circuit. MIC1 or MIC2 or MC3 or transmit mute is selected with bits 6 and 7 of register CR4.
In the mute case, the analog transmit signal is grounded and the sidetone path is also disabled. Following the
first stage is a programmable gain amplifier which provides from 0 to 22.5 dB of additional gain in 1.5dB step.
The total transmit gain should be adjusted so that, at reference point A, see Block Diagram description, the in-
ternal 0 dBm0 voltage is 0.49 Vrms (overload level is 0.7 Vrms). Second stage amplifier gain can be pro-
grammed with bits 4 to 7 of CR5.
An active RC prefilter then precedes the 8th order band pass switched capacitor filter. A/D converter can be
either a 14-bit linear (bit CM = 0 in register CR0) or can have a compressing characteristics (bit CM = 1 in reg-
ister CR0) according to CCITT A or MU255 coding laws. A precision on chip voltage reference ensures accurate
and highly stable transmission levels.
Any offset voltage arising in the gain-set amplifier, the filters or the comparator is cancelled by an internal au-
tozero circuit.
Each encode cycle begins immediatly at the beginning of the selected Transmit time slot. The total signal delay
referenced to the start of the time slot is approximatively 195
µs (due to the transmit filter) plus 125 µs (due to
encoding delay), which totals 320
µs. Voice data is shifted out on DX during the selected time slot on the trans-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com