Electronic Components Datasheet Search
  English  ▼

X  

4400P Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 4400P
Description  Thick Film Surface Mounted Wide Body Tape and reel packaging standard
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4400P Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  4400P Datasheet HTML 1Page - Bourns Electronic Solutions 4400P Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
■ RoHS compliant*
■ Standard E.I.A. package compatible with
automatic placement equipment
■ Compliant leads to reduce solder joint
fatiguing
■ Tape and reel packaging standard
■ Standard electrical schematics: isolated,
bussed, dual terminator
■ Custom circuits are available
■ Now available with improved tolerance to
±0.5 %
4400P Series - Thick Film Surface Mounted Wide Body
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Product Characteristics
Resistance Range
................... 10 ohms to 2.2 megohms
Maximum Operating Voltage ...........50 V
Temperature Coefficient of Resistance
50
Ω and above..............±100 ppm/°C
below 50
Ω.....................±250 ppm/°C
TCR Tracking.........................50 ppm/°C
maximum; equal values
Operating Temperature
................................-55 °C to +125 °C
Insulation Resistance
................ 10,000 megohms minimum
Dielectric Withstanding Voltage
...........................................200 VRMS
Lead Solderability ..... Meet requirements
of MIL-STD-202 Method 208
Environmental Characteristics
TESTS PER MIL-STD-202 ...... ∆R MAX.
Short Time Overload..................±0.25 %
Load Life....................................±1.00 %
Moisture Resistance ..................±0.50 %
Resistance to Soldering Heat ....±0.25 %
Thermal Shock ..........................±0.25 %
Physical Characteristics
Flammability ........ Conforms to UL94V-0
Lead Frame Material
.........................Copper, solder coated
Body Material.................. Novolac epoxy
Package Power Temp. Derating Curve
How To Order
44 20 P - 1 - 103 __ LF
Model
(44 = SMD SOL
Pkg.)
Number of Pins
Electrical Configuration
• 1 or 4 = Isolated*
• 2 = Bussed*
• 3 = Dual Terminator*
Resistance Code
• First 2 digits are significant
• Third digit represents the
number of zeros to follow.
Resistance Tolerance
• Blank = ±2 % (see “Resistance Tolerance”
on next page for resistance range)
• F = ±1 % (100 ohms - 1 megohm)
• D = ±0.5 % (100 ohms - 1 megohm)
Terminations
• All electrical configurations EXCEPT T03:
LF = Tin-plated (RoHS compliant)
• ONLY electrical configuration T03:
L = Tin-plated (RoHS compliant)
*For tube packaging, use T01, T02, T03 or T04.
Consult factory for other available options.
Product Dimensions
Typical Part Marking
Represents total content. Layout may
vary.
For Standard Values Used in
Capacitors, Inductors, and Resistors,
click here.
AMBIENT TEMPERATURE ( C )
°
0
70
125
2.25
2.00
1.75
1.50
1.25
1.00
.75
.50
.25
25
4416P
4420P
Package Power Rating at 70 °C
4420P .....................................2.00 watts
4416P .....................................1.60 watts
Recommended Land Pattern
1
20
2
19
3
18
4
17
5
16
6
15
7
14
8
13
9
12
10
11
TYP.
SO-16L
SO-20L
NOTE: Land pattern dimensions are based on
design rules established by the Institute for Inter-
connecting and Packaging Electronic Circuits in
IPC-SM-782.
2.0
(.079)
TYP.
1.27
(.050)
TYP.
.63
(.025)
.63
(.025)
12.07
(.475)
7.6
(.299)
11.6
(.457)
4420P
7.493
.076
(.295
.003)
10.34
.25
(.407
.010)
.406
.025
(.016
.001)
10.41
.05
(.410
.003)
.127 + .127/ - .000
(.005 + .005/ - .000)
.305 + .000/ - .076
(.012 + .000/ - .003)
.94 + .33/ - .35
(.037 + .013/ - .014)
8
° MAX.
12.95
.05
(.510 +.001/ -.002)
1.27
.076
(.050
.003*)
TYP.
2.65
(.104)
MAX.
Governing dimensions are in metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
4416P-
CYYWW
2-472
PART
NUMBER
CIRCUIT
RESISTANCE
CODE
PIN ONE
INDICATOR
MANUFACTURER'S
TRADEMARK
COUNTRY OF MANUFACTURE
(C = COSTA RICA)
DATE CODE


Similar Part No. - 4400P

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4400P BOURNS-4400P Datasheet
247Kb / 2P
Thick Film Surface Mounted Wide Body
More results

Similar Description - 4400P

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4800P BOURNS-4800P Datasheet
257Kb / 3P
Thick Film Surface Mounted Medium Body
4400P BOURNS-4400P Datasheet
247Kb / 2P
Thick Film Surface Mounted Wide Body
4416P-2-103 BOURNS-4416P-2-103 Datasheet
235Kb / 2P
4400P Series - Thick Film Surface Mounted Wide Body
4816P-1-103FLF BOURNS-4816P-1-103FLF Datasheet
366Kb / 2P
Thick Film Surface Mounted Medium Body Tape and reel packaging standard
4416P-T02-222 BOURNS-4416P-T02-222 Datasheet
235Kb / 2P
4400P Series - Thick Film Surface Mounted Wide Body
4800P BOURNS-4800P_13 Datasheet
364Kb / 3P
Thick Film Surface Mounted Medium Body
logo
Analog Devices
ADR3450ARJZ AD-ADR3450ARJZ Datasheet
395Kb / 6P
Tape and Reel Packaging
ADR3430ARJZ AD-ADR3430ARJZ Datasheet
395Kb / 6P
Tape and Reel Packaging
logo
Connor-Winfield Corpora...
DV75D CONNOR-WINFIELD-DV75D Datasheet
426Kb / 2P
Tape and Reel Packaging
logo
STMicroelectronics
STR2550 STMICROELECTRONICS-STR2550 Datasheet
535Kb / 10P
Tape and reel packaging
09-May-2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com