Electronic Components Datasheet Search
  English  ▼

X  

TLMP3101 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLMP3101
Description  Standard SMD LED PLCC-2
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMP3101 Datasheet(HTML) 4 Page - Vishay Siliconix

  TLMP3101 Datasheet HTML 1Page - Vishay Siliconix TLMP3101 Datasheet HTML 2Page - Vishay Siliconix TLMP3101 Datasheet HTML 3Page - Vishay Siliconix TLMP3101 Datasheet HTML 4Page - Vishay Siliconix TLMP3101 Datasheet HTML 5Page - Vishay Siliconix TLMP3101 Datasheet HTML 6Page - Vishay Siliconix TLMP3101 Datasheet HTML 7Page - Vishay Siliconix TLMP3101 Datasheet HTML 8Page - Vishay Siliconix TLMP3101 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
4
Document Number 83032
Rev. 1.8, 12-Sep-07
Vishay Semiconductors
TLMG/H/O/P/Y310.
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Figure 1. Power Dissipation vs. Ambient Temperature
Figure 2. Forward Current vs. Ambient Temperature for InGaN
Figure 3. Pulse Forward Current vs. Pulse Duration
100
80
60
40
0
25
50
75
100
125
Tamb - Ambient Temperature (°C)
95 10904
20
0
0
10
20
30
40
60
95 10905
50
T
amb - Ambient Temperature (°C)
100
80
60
40
20
0
0.01
0.1
1
10
1
10
100
1000
10000
t p - Pulse Length (ms)
100
95 9985
DC
t p /T = 0.005
0.5
0.2
0.1
0.01
0.05
0.02
T
amb < 6 0 °C
Figure 4. Rel. Luminous Intensity vs. Angular Displacement
Figure 5. Forward Current vs. Forward Voltage
Figure 6. Rel. Luminous Intensity vs. Ambient Temperature
0.4
0.2
0
0.2
0.4
0.6
95 10319
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0.1
1
10
100
VF - Forward Voltage (V)
5
4
3
2
95 9989
red
1
0
0
0.4
0.8
1.2
1.6
2.0
100
95 9993
Tamb - Ambient Temperature (°C)
0
204060
80
red



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com