Electronic Components Datasheet Search
  English  ▼

X  

GS2GIF Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # GS2GIF
Description  SURFACE MOUNT RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GS2GIF Datasheet(HTML) 1 Page - Pan Jit International Inc.

  GS2GIF Datasheet HTML 1Page - Pan Jit International Inc. GS2GIF Datasheet HTML 2Page - Pan Jit International Inc. GS2GIF Datasheet HTML 3Page - Pan Jit International Inc. GS2GIF Datasheet HTML 4Page - Pan Jit International Inc. GS2GIF Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
June 18,2013-REV.00
GS2GIF SERIES
FEATURES
• For surface mounted applications in order to optimize board space
• Easy pick and place
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• Low Forward Drop
• High temperature soldering : 260
oC/10 seconds at terminals
• Glass Passivated Chip Junction
• Ultra Thin Profile Package for Space Constrained Utilization
• Package suitable for Automated Handling
• Lead free in comply with EU RoHS 2011/65/EU directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SMAF molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Polarity : Color band denotes cathode end
SURFACE MOUNT RECTIFIER
VOLTAGE
400~1000Volts
2 Ampere
CURRENT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
1
2
Cathode
Anode
NOTES :
1.Mounted on an FR4 PCB, single-sided copper, with 100cm2 copper pad area.
2.Mounted on an FR4 PCB, single-sided copper, mini pad.
PA RA M E TE R
S YM BO L
G S2 G IF GS 2 JIF
GS2 KIF GS 2 M IF
UNITS
Re c ur r ent P eak Re ve r s e Vo ltage
V
RRM
400
60 0
800
1000
V
RM S Vo lt age
V
RM S
280
420
560
700
V
D C B loc k i ng Vo ltage
V
R
400
60 0
800
1000
V
A ver age For war d C ur r e nt
I
F(A V )
2A
P eak F o r war d S ur ge C ur r ent : 8. 3m s s i ng le ha lf s i ne - wave
s uper i m pose d on r a t ed load ( J E D E C m e thod)
I
FS M
60
A
For war d Vo lt age at 2A
V
F
1. 1
V
D C Re ve r s e C ur r ent at Ra t e d
D C B loc k i ng Vo ltage
T
J =2 5
OCI
R
1
A
Typi c a l J unc t i on C apac i t anc e
V R=4 V,1 M HZ
C
J
15
pF
Typi c a l Ther m a l Re s i stance , J unc ti on to Lea d ( Not e 1)
J unc t i o n t o A m b i e nt ( No t e 2 )
R
JL
R
JA
25
150
O C / W
Oper ati ng J unc t i on Te m per atur e and S t o r age Te m per at ur e Ra ng e
T
J ,T STG
- 55 to + 150
OC


Similar Part No. - GS2GIF

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GS2G MCC-GS2G Datasheet
838Kb / 3P
2.0 Amp Silicon Rect.0 Amp Silicon Rectifier 50 to 1000 Voltsifier 50 to 1000 OLTS
logo
Gulf Semiconductor
GS2G GULFSEMI-GS2G Datasheet
164Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
logo
Micro Commercial Compon...
GS2G MCC-GS2G Datasheet
255Kb / 4P
2.0 Amp Silicon Rectifier 50 to 1000 Volts
logo
Compact Technology Corp...
GS2G CTC-GS2G Datasheet
90Kb / 2P
GENERAL PURPOSE RECTIFIERS
logo
Microdiode Semiconducto...
GS2G CHENDA-GS2G Datasheet
836Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
More results

Similar Description - GS2GIF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER2A PANJIT-ER2A_09 Datasheet
115Kb / 3P
SURFACE MOUNT RECTIFIER
S2A PANJIT-S2A_09 Datasheet
112Kb / 3P
SURFACE MOUNT RECTIFIER
logo
Tiger Electronic Co.,Lt...
M1 TGS-M1 Datasheet
339Kb / 1P
SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
SURFACE MOUNT RECTIFIER
logo
Taiwan Semiconductor Co...
S1GM TSC-S1GM_14 Datasheet
352Kb / 3P
Surface Mount Rectifier
logo
Pan Jit International I...
ER2D-AU PANJIT-ER2D-AU Datasheet
137Kb / 5P
SURFACE MOUNT RECTIFIER
logo
Diode Semiconductor Kor...
MURS260 DSK-MURS260 Datasheet
202Kb / 2P
SURFACE MOUNT RECTIFIER
ER3A DSK-ER3A Datasheet
156Kb / 2P
SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com