Electronic Components Datasheet Search
  English  ▼

X  

LF147 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LF147
Description  The LF147 is a low cost, high speed quad JFET input operational amplifier with an internally trimmed input offset voltage ( BI-FET II??technology).
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LF147 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LF147 Datasheet HTML 8Page - Texas Instruments LF147 Datasheet HTML 9Page - Texas Instruments LF147 Datasheet HTML 10Page - Texas Instruments LF147 Datasheet HTML 11Page - Texas Instruments LF147 Datasheet HTML 12Page - Texas Instruments LF147 Datasheet HTML 13Page - Texas Instruments LF147 Datasheet HTML 14Page - Texas Instruments LF147 Datasheet HTML 15Page - Texas Instruments LF147 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
LF147, LF347-N
SNOSBH1D – MAY 1999 – REVISED MARCH 2013
www.ti.com
Figure 24. Long Time Integrator with Reset, Hold and Starting Threshold Adjustment
•
VOUT starts from zero and is equal to the integral of the input voltage with respect to the threshold voltage:
•
Output starts when VIN≥VTH
•
Switch S1 permits stopping and holding any output value
•
Switch S2 resets system to zero
Figure 25. Universal State Variable Filter
For circuit shown:
fo=3 kHz, fNOTCH=9.5 kHz
Q=3.4
Passband gain:
Highpass—0.1
Bandpass—1
Lowpass—1
Notch—10
• fo×Q≤200 kHz
• 10V peak sinusoidal output swing without slew limiting to 200 kHz
• See LM148 data sheet for design equations
12
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LF147 LF347-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com