Electronic Components Datasheet Search
  English  ▼

X  

LM81 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM81
Description  The LM81 is a highly integrated data acquisition system for
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM81 Datasheet(HTML) 3 Page - Texas Instruments

  LM81 Datasheet HTML 1Page - Texas Instruments LM81 Datasheet HTML 2Page - Texas Instruments LM81 Datasheet HTML 3Page - Texas Instruments LM81 Datasheet HTML 4Page - Texas Instruments LM81 Datasheet HTML 5Page - Texas Instruments LM81 Datasheet HTML 6Page - Texas Instruments LM81 Datasheet HTML 7Page - Texas Instruments LM81 Datasheet HTML 8Page - Texas Instruments LM81 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Ordering Information
Temperature Range
NS Package
Number
−40˚C
≤ T
A ≤ +125˚C
SMBus
Revision
Level
Voltage
Monitoring
Error
Order Number
Device Marking
LM81BIMT-3
1
LM81BIMT-3
MTC24B
1.1
±1.2%
LM81BIMTX-3
2
LM81BIMT-3
MTC24B
1.1
±1.2%
LM81CIMT-3
1
LM81CIMT-3
MTC24B
1.0
+2%
LM81CIMTX-3
2
LM81CIMT-3
MTC24B
1.0
+2%
Note: 1-Rail transport media, 62 parts per rail
2-Tape and reel transport media, 3400 parts per reel
Connection Diagram
DS100072-3
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com