Electronic Components Datasheet Search
  English  ▼

X  

PJLEDSX225 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJLEDSX225
Description  RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJLEDSX225 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJLEDSX225 Datasheet HTML 1Page - Pan Jit International Inc. PJLEDSX225 Datasheet HTML 2Page - Pan Jit International Inc. PJLEDSX225 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
June 19,2013
LED-REV.08
PJLEDSX225
FEATURES
• Ideal for rectification function in flyback converter for LED power.
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• For surface mounted applications in order to optimize board space.
• Low power loss, high efficiency.
• High surge capacity.
• Extremely low leakage current, suitable for high temperature ambiance.
• Lead free in comply with EU RoHS 2011/65/EU directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case : JEDEC DO-214AC molded plastic
• Terminals : Solder plated, solderable per MIL-STD-750, Method 2026
• Polarity : Color band denotes cathode end
• Standard packaging : 16mm tape (EIA-481)
• Weight : 0.0023 ounce, 0.0679 gram
• Marking : LEDSX225
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
NOTES:1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, Irr=0.25A
2. Measured at 1 MHz and applied Vr = 4 volts.
3. Mounted on an FR4 PCB, single-sided copper, with 100cm2 copper pad area
4. Mounted on an FR4 PCB, single-sided copper, mini pad.
VOLTAGE
250 Volts
2 Amperes
CURRENT
1
2
Cathode
Anode
PARAMETER
SYMBOL
VALUE
UNITS
Maximum Recurrent Peak Reverse Voltage
V
RRM
250
V
Maximum RMS Voltage
V
RMS
175
V
Maximum DC Blocking Voltage
V
DC
250
V
Maximum Average Forward Current
I
F(AV)
2A
Peak Forward Surge Current : 8.3ms single half sine-wave
superimposed on rated load
I
FSM
50
A
Maximum Forward Voltage at 2A
V
F
0.93
V
Maximum DC Reverse Current at Rated DC Blocking Voltage
I
R
0.2
A
Maximum Reverse Recovery Time (Note 1)
t
rr
30
ns
Typical Junction capacitance (Note 2)
C
J
30
pF
Typical Junction capacitance
(Note 3)
(Note 4)
R
JL
R
JA
30
150
OC/W
Operating Junction and Storage Temperature Range
T
J,TSTG
-55 to +150
OC
0.181(4.60)
0.157(4.00)
0.060(1.52)
0.030(0.76)
0.008(0.203)
0.002(0.051)
0.208(5.28)
0.188(4.80)
0 012(0 305)
..
0 006(0.152)
.


Similar Part No. - PJLEDSX225

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJLEDS10250CT PANJIT-PJLEDS10250CT Datasheet
143Kb / 3P
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
PJLEDS2250 PANJIT-PJLEDS2250 Datasheet
141Kb / 3P
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
PJLEDS3250 PANJIT-PJLEDS3250 Datasheet
136Kb / 3P
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
PJLEDS5250 PANJIT-PJLEDS5250 Datasheet
73Kb / 3P
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
PJLEDSR325 PANJIT-PJLEDSR325 Datasheet
76Kb / 3P
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
More results

Similar Description - PJLEDSX225

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-9750 FAIRCHILD-AN-9750 Datasheet
441Kb / 13P
High-Power Factor Flyback Converter for LED Driver with
logo
Pan Jit International I...
PJLEDS2250 PANJIT-PJLEDS2250 Datasheet
141Kb / 3P
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
PJLEDS3250 PANJIT-PJLEDS3250 Datasheet
136Kb / 3P
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
PJLEDS5250 PANJIT-PJLEDS5250 Datasheet
73Kb / 3P
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
PJLEDS10250CT PANJIT-PJLEDS10250CT Datasheet
143Kb / 3P
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
PJLEDSR325 PANJIT-PJLEDSR325 Datasheet
76Kb / 3P
RECTIFICATION FUNCTION IN FLYBACK CONVERTER FOR LED POWER
logo
STMicroelectronics
EVLSRK1000-TO STMICROELECTRONICS-EVLSRK1000-TO Datasheet
198Kb / 4P
SRK1000 adaptive synchronous rectification controller for flyback converter demonstration board with STF80N10F7
19-Oct-2018
EVLSRK1000A-TO STMICROELECTRONICS-EVLSRK1000A-TO Datasheet
200Kb / 4P
SRK1000A adaptive synchronous rectification controller for flyback converter demonstration board with STF80N10F7
19-Oct-2018
SRK1000A STMICROELECTRONICS-SRK1000A Datasheet
1Mb / 27P
Adaptive synchronous rectification controller for flyback converter
16-Oct-2018
SRK1001 STMICROELECTRONICS-SRK1001 Datasheet
605Kb / 27P
Adaptive synchronous rectification controller for flyback converter
29-Nov-2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com