Electronic Components Datasheet Search
  English  ▼

X  

FNY-REP2000 Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # FNY-REP2000
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FNY-REP2000 Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button FNY-REP2000 Datasheet HTML 17Page - Omron Electronics LLC FNY-REP2000 Datasheet HTML 18Page - Omron Electronics LLC FNY-REP2000 Datasheet HTML 19Page - Omron Electronics LLC FNY-REP2000 Datasheet HTML 20Page - Omron Electronics LLC FNY-REP2000 Datasheet HTML 21Page - Omron Electronics LLC FNY-REP2000 Datasheet HTML 22Page - Omron Electronics LLC FNY-REP2000 Datasheet HTML 23Page - Omron Electronics LLC FNY-REP2000 Datasheet HTML 24Page - Omron Electronics LLC FNY-REP2000 Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
Programmable Controllers SYSMAC
CS1G/H
9
Dimensions/Mounting Dimensions
(Unit: mm)
■ External Dimensions
* The depth is 153 mm for the C200HW-PA209R/PD025 Power Supply Unit.
The depth is 111 mm for the C200HW-PA204C Power Supply Unit.
■ Backplane Mounting Dimensions
● For 2 I/O Slots
Note: An Expansion Backplane cannot be connected to a 2-slot CPU
Backplane.
● For 3, 5, 8, or 10 I/O Slots
Backplane model
A
B
W
H
D
*
CS1W-BC022/023
(2 slots)
172.3
145
198.5
157
123
CS1W-BC032/033
(3 slots)
246
118
260
132
123
CS1W-BC052/053
(5 slots)
316
118
330
132
123
CS1W-BC082/083
(8 slots)
421
118
435
132
123
CS1W-BC102/103
(10 slots)
491
118
505
132
123
RUN
ERR
INH
COMM
POWER
PROGRAMMABLE CONTROLLER
CPU64
SYSMAC C200HX
A
D
W
HB
Product name
Model
A
W
CPU Backplanes
CS1W-BC022/023
(2 slots)
172.3
198.5
CS1W-BC032/033
(3 slots)
246
260
CS1W-BC052/053
(5 slots)
316
330
CS1W-BC082/083
(8 slots)
421
435
CS1W-BC102/103
(10 slots)
491
505
Expansion
Backplanes
CS1
Expansion
Backplane
CS1W-BI032/033
(3 slots)
246
260
CS1W-BI052/053
(5 slots)
316
330
CS1W-BI082/083
(8 slots)
421
435
CS1W-BI102/103
(10 slots)
491
505
C200HX/HG/HE
Expansion
Backplane
C200HW-BI031
(3 slots)
175
189
C200HW-BI051
(5 slots)
245
259
C200HW-BI081-V1
(8 slots)
350
364
C200HW-BI101-V1
(10 slots)
420
434
4-M4
157
172.3±0.3
198.5
145±0.3
CPU Backplane
CS1W-BC023
A±0.3
A±0.3
4-M4
4-M4
132
132
66 min.
80
6
6
6
6
CPU Backplane
Expansion Backplane
* The CS1D Backplane has no protrusions.
W
118±0.3
118±0.3
135
(including
protrusion)
*
135
(including
protrusion)
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com