Electronic Components Datasheet Search
  English  ▼

X  

ES2-M Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # ES2-M
Description  in a Compact Body. Controller Set Provides Superior Humidity Control and Temperature/ Humidity Control.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ES2-M Datasheet(HTML) 1 Page - Omron Electronics LLC

  ES2-M Datasheet HTML 1Page - Omron Electronics LLC ES2-M Datasheet HTML 2Page - Omron Electronics LLC ES2-M Datasheet HTML 3Page - Omron Electronics LLC ES2-M Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.ia.omron.com/
1
(c)Copyright OMRON Corporation 2007 All Rights Reserved.
Humidity Sensor
ES2-HB
Temperature/Humidity Sensor
ES2-THB
Detect Humidity within an Accuracy of ±3%
in a Compact Body. Controller Set Provides
Superior Humidity Control and Temperature/
Humidity Control.
• Employs high-polymer-resistive Sensor with superior durability.
• Compact and lightweight.
• Measurement ranges of 20% to 95% for humidity and 0 to 55 C
for temperature.
Ordering Information
Note: This is a replacement item. One Module is provided with the
ES2-HB/-THB. Always attach the Humidity Sensor Module
when using the ES2-HB/-THB. Approximately 7 VDC will be
output for the humidity output if the Module is not attached or is
incompletely attached.
Specifications
Note: 1. The maximum ripple voltage of 2% p-p max.
The recommended power supply is the OMRON S82K.
2. ES2-THB only.
3. Do not use or store the Sensor for an extended period at a
humidity of 90% or more.
4. Pt100 (JIS C 1604-1989) is used for the measuring
elements. Set Pt100 for input sensor type of the
Temperature Controller.
Dimensions
Note: All units are in millimeters unless otherwise indicated.
ES2-M Humidity Sensor Module
Note: Firmly insert the connector all the way in when mounting the
ES2-M to the Sensor.
Name
Model
Humidity Sensor
ES2-HB
Temperature/Humidity Sensor
ES2-THB
Humidity Sensor Module (See note.) ES2-M
Humidity Sensor
section
High-polymer resistive
Humidity detection
range
20 to 95%
Humidity detection
accuracy
3% (25 C, 40 to 80%)
Power supply voltage 24 VDC (See note 1.)
Operating voltage
range
85% to 110% of power supply voltage
Current consumption 10 mA max.
Humidity output
1 to 5 V (for humidity of 0% to 100%)
Permissible load impedance: 100 k
min.
(Use a 1:1 connection when connecting to
an E5
@K.)
Temperature Sensor
Section (See note 2.)
Platinum resistance thermometer
Temperature
detection range
0 to 55 C
Temperature output
Pt100: 3 wire (See note 4.)
Communications cable
length
5 m
Operating temperature
and humidity range
(See note 3.)
0 to 55 C, humidity of 95% max.
Storage temperature
and humidity range
(See note 3.)
20 to 60 C, humidity of 95% max.
Degree of protection
IP 20 equivalent
Weight
ES2-HB: Approx. 41 g (excluding cables)
ES2-THB: Approx. 43 g (excluding
cables)
50
50
22
37
37
4 dia.
4 dia.
ES2-HB Humidity Sensor
ES2-THB Temperature/Humidity Sensor
Cover
12.7
21
17.5


Similar Part No. - ES2-M

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ES2 YAGEO-ES2 Datasheet
546Kb / 6P
Super Fast Series Rectifier
July 26, 2023 V.0
logo
Sensata Technologies, I...
ES20 SENSATA-ES20 Datasheet
717Kb / 3P
ENVIRONMENTALLY SEALED INCREMENTAL ENCODER
logo
ABB
ES20 ABB-ES20 Datasheet
279Kb / 12P
Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
3/12
logo
TT Electronics.
ES2000 TTELEC-ES2000 Datasheet
336Kb / 3P
Stainless Steel housing
logo
Tyco Electronics
ES2000-No.1 MACOM-ES2000-No.1 Datasheet
37Kb / 3P
Flame-retardant, adhesive-lined heat-shrinkable tubing (extended temperature range)
More results

Similar Description - ES2-M

ManufacturerPart #DatasheetDescription
logo
Humirel
HTF3223 HUMIREL-HTF3223 Datasheet
142Kb / 4P
TEMPERATURE AND HUMIDITY MODULE
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
Humidity and Temperature Sensor
logo
Amphenol Corporation
T8700 AMPHENOL-T8700 Datasheet
118Kb / 4P
Precision humidity and temperature transmitter for HVAC control applications
BLD8800-FL AMPHENOL-BLD8800-FL Datasheet
1Mb / 8P
In-situ relative humidity and temperature -
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
Temperature and humidity sensor
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
Humidity and Temperature Sensor
Version 3
logo
Vaisala
HMP60 VAISALA-HMP60 Datasheet
286Kb / 3P
Humidity and Temperature Probe
HMP63 VAISALA-HMP63 Datasheet
202Kb / 3P
Humidity and Temperature Probe
HMP9 VAISALA-HMP9 Datasheet
599Kb / 3P
Compact Humidity and Temperature Probe
logo
E+E Elektronik Ges.m.b....
EE210 EPLUSE-EE210 Datasheet
2Mb / 13P
Humidity and Temperature Sensor for Demanding Climate Control
10-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com