Electronic Components Datasheet Search
  English  ▼

X  

MRF158 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF158
Description  TMOS BROADBAND RF POWER FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF158 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF158 Datasheet HTML 1Page - Motorola, Inc MRF158 Datasheet HTML 2Page - Motorola, Inc MRF158 Datasheet HTML 3Page - Motorola, Inc MRF158 Datasheet HTML 4Page - Motorola, Inc MRF158 Datasheet HTML 5Page - Motorola, Inc MRF158 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
MRF158
MOTOROLA RF DEVICE DATA
C1, C4, C5 — Johanson Trimmer Capacitor, 2 – 20 pF
C2, C6 — 270 pF Chip Capacitor
C3 — Arco 404
C7, C8, C9 — 0.1
µF
C10, C11 — 680 pF Feed Through
C12 — 50
µF, 50 V
D1 — 1N5925A Motorola Zener
L1 — #18 AWG, Hairpin 0.825
″ long, bend
into hairpin
L2 — #18 AWG, Hairpin 0.875
″ long, bend
into hairpin
L3 — #18 AWG, Hairpin 0.965
″ long, bend
into hairpin
Board Material — 0.062
″, Teflon Fiberglass, 2 oz.,
Copper clad both sides,
∈r = 2.55
R1 — 91
Ω 1/2 Watt
R2 — 10 k
Ω 1/2 Watt
R3 — 10 k
Ω, 10 Turns Bourns
R4 — 1.8 k 1.4 Watt
RFC1 — Ferroxcube VK200–19/4B
RFC2 — 10 Turns #20 AWG Enameled, 0.250
″ ID
Z1 — Microstrip Line 0.150
″ wide, 0.420″ long
Z2 — Microstrip Line 0.150
″ wide, 0.420″ long
Z3 — Microstrip Line 0.150
″ wide, 0.475″ long
Z4 — Microstrip Line 0.150
″ wide, 0.825″ long
Z5 — Microstrip Line 0.150
″ wide, 0.750″ long
Z6 — Microstrip Line 0.150
″ wide, 0.500″ long
Z7 — Microstrip Line 0.150
″ wide, 0.500″ long
Z8 — Microstrip Line 0.150
″ wide, 0.450″ long
0.245
″
0.330
″
L1
0.240
″
0.390
″
L2
0.235
″
0.475
″
L3
R3
C8
D1
R4
RFC2
C9
C10
C11
RFC1
VDD 28 V
+
VDC
RF OUTPUT
+
C12
Z8
Z7
Z6
Z5
L2
L3
C4
C5
C6
D.U.T.
R1
C7
R2
Z1
Z2
Z3
Z4
L1
C3
C1
RF INPUT
–
C2
Figure 1. 400 MHz Test Circuit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com