Electronic Components Datasheet Search
  English  ▼

X  

83021AMILF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 83021AMILF
Description  1-TO-1 DIFFERENTIAL- TO-LVCMOS/LVTTL TRANSLATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

83021AMILF Datasheet(HTML) 4 Page - Integrated Device Technology

  83021AMILF Datasheet HTML 1Page - Integrated Device Technology 83021AMILF Datasheet HTML 2Page - Integrated Device Technology 83021AMILF Datasheet HTML 3Page - Integrated Device Technology 83021AMILF Datasheet HTML 4Page - Integrated Device Technology 83021AMILF Datasheet HTML 5Page - Integrated Device Technology 83021AMILF Datasheet HTML 6Page - Integrated Device Technology 83021AMILF Datasheet HTML 7Page - Integrated Device Technology 83021AMILF Datasheet HTML 8Page - Integrated Device Technology 83021AMILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ICS83021I
1-TO-1 DIFFERENTIAL-TO-LVCMOS/LVTTL TRANSLATOR
IDT™ / ICS™ LVCMOS/LVTTL TRANSLATOR
4
ICS83031AMI REV. C OCTOBER 31, 2008
AC Electrical Characteristics
Table 4A. AC Characteristics, VDD = 3.3V ± 0.3V, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the
device is mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after
thermal equilibrium has been reached under these conditions.
All parameters measured at fMAX unless noted otherwise.
NOTE 1: Measured from the differential input crossing point to the output at VDD/2.
NOTE 2: Defined as skew between outputs on different devices operating at the same supply voltage and with equal load conditions.
Using the same type of inputs on each device, the outputs are measured at VDD/2.
NOTE 3: This parameter is defined in accordance with JEDEC Standard 65.
Table 4B. AC Characteristics, VDD = 2.5V ± 5%, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the
device is mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after
thermal equilibrium has been reached under these conditions.
All parameters measured at fMAX unless noted otherwise.
NOTE 1: Measured from the differential input crossing point to the output at VDD/2.
NOTE 2: Defined as skew between outputs on different devices operating at the same supply voltage and with equal load conditions.
Using the same type of inputs on each device, the outputs are measured at VDD/2.
NOTE 3: This parameter is defined in accordance with JEDEC Standard 65.
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
350
MHz
tPD
Propagation Delay, NOTE 1
ƒ
≤ 350MHz
1.7
2.0
2.3
ns
tsk(pp)
Part-to-Part Skew; NOTE 2, 3
500
ps
tjit
Buffer Additive Phase Jitter, RMS;
refer to Additive Phase Jitter Section
100MHz, Integration Range
(637kHz – 10MHz)
0.21
ps
tR / tF
Output Rise/Fall Time
0.8V to 2V
100
250
400
ps
odc
Output Duty Cycle
ƒ
≤ 166MHz
45
50
55
%
166MHz < ƒ
≤ 350MHz
40
50
60
%
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
350
MHz
tPD
Propagation Delay, NOTE 1
ƒ
≤ 350MHz
1.9
2.2
2.5
ns
tsk(pp)
Part-to-Part Skew; NOTE 2, 3
500
ps
tjit
Buffer Additive Phase Jitter, RMS;
refer to Additive Phase Jitter Section
100MHz, Integration Range
(637kHz – 10MHz)
0.21
ps
tR / tF
Output Rise/Fall Time
20% to 80%
250
550
ps
odc
Output Duty Cycle
ƒ
≤ 250MHz
45
50
55
%
250MHz < ƒ
≤ 350MHz
40
50
60
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com