Electronic Components Datasheet Search
  English  ▼

X  

SN75477DR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75477DR
Description  DUAL PERIPHERAL DRIVERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75477DR Datasheet(HTML) 5 Page - Texas Instruments

  SN75477DR Datasheet HTML 1Page - Texas Instruments SN75477DR Datasheet HTML 2Page - Texas Instruments SN75477DR Datasheet HTML 3Page - Texas Instruments SN75477DR Datasheet HTML 4Page - Texas Instruments SN75477DR Datasheet HTML 5Page - Texas Instruments SN75477DR Datasheet HTML 6Page - Texas Instruments SN75477DR Datasheet HTML 7Page - Texas Instruments SN75477DR Datasheet HTML 8Page - Texas Instruments SN75477DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SN75476 THRU SN75478
DUAL PERIPHERAL DRIVERS
SLRS025A – DECEMBER 1976 – REVISED NOVEMBER 1995
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
PARAMETER MEASUREMENT INFORMATION
30 V
2.4 V
0.4 V
TEST CIRCUIT
A/S
S/A
SN75478
SN75476
SN75477
RL = 100 Ω
CL = 15 pF
(see Note B)
VCC
2.7 V
2.7 V
1.5 V
1.5 V
0.7 V
0.7 V
50%
50%
tPHL
≤ 10 ns
≤ 5 ns
3 V
0 V
VOH
VOL
Output
VOLTAGE WAVEFORMS
0.7 V
2.7 V
Input
tPLH
10%
10%
90%
90%
tTHL
tTLH
3 V
0 V
≤ 10 ns
≤ 5 ns
0.7 V
1.5 V
2.7 V
1.5 V
5
µs
SN75446
SN75448
SN75447
Pulse
Generator
(see Note A)
Input
Circuit
Under
Test
Output
Open
Input
NOTES: A. The pulse generator has the following characteristics: PRR = 100 kHz, ZO = 50 Ω.
B. CL includes probe and jig capacitance.
Figure 1. Test Circuit and Voltage Waveforms, Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com