Electronic Components Datasheet Search
  English  ▼

X  

Z90233 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z90233
Description  eZVision 200 Television Controllers with OSD
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z90233 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z90233 Datasheet HTML 9Page - Zilog, Inc. Z90233 Datasheet HTML 10Page - Zilog, Inc. Z90233 Datasheet HTML 11Page - Zilog, Inc. Z90233 Datasheet HTML 12Page - Zilog, Inc. Z90233 Datasheet HTML 13Page - Zilog, Inc. Z90233 Datasheet HTML 14Page - Zilog, Inc. Z90233 Datasheet HTML 15Page - Zilog, Inc. Z90233 Datasheet HTML 16Page - Zilog, Inc. Z90233 Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Z90233, Z90234, and Z90231
eZVision 200 Television Controllers with OSD
PS010703-0502
9
DC Characteristics
Table 8 lists the DC characteristics.
Table 8. DC Characteristics
Symbol Parameter
Min
Typical Max
Units Conditions
VDD
Power Supply Voltage
4.5
5.00
5.5
V
VIH
Input Voltage High
0.7VDD
VDD
V
VIL
Input Voltage Low
0
0.2VDD
V
VIHC
Input XTAL/Osc in High 0.7VDD
VCC
V
VILC
Input XTAL/Osc in Low 0
0.07VDD V
VOH_ST Output Voltage High
VDD–0.4 4.75
V
IOH=–2 mA for
standard drive
VOL_ST Output Voltage Low
0.16
0.4
V
IOL=–2.00 mA for
standard drive
VOH_LE Output Voltage High
VDD–0.4 V
IOH=–0.3 mA for low
EMI drive
VOL_LE Output Voltage Low
0.4
V
IOL=0.3 mA for low EMI
drive
VOH_LE Output Voltage High
VDD–0.4
V
IOH=–0.2 mA for low
EMI XTAL/Osc
VOL_LE Output Voltage Low
0.4
V
IOL=0.2 mA for low EMI
XTAL/Osc
VHY
Schmitt Hysteresis
0.1VDD
0.8
V
IIR
Reset Input Current
–46
–80
µAV
RL=0 V
IIL
Input Leakage
–3.0
0.01
3.0
µA0 V, V
DD
IOL
Tri-State Leakage
–3.0
0.02
3.0
µA0 V, V
DD
ICC
Supply Current
25
40
mA
All inputs at rail;
outputs floating
ICC1
HALT Mode Current
3.2
6
mA
All inputs at rail;
outputs floating
ICC2
STOP Mode Current
50
µA
All inputs at rail;
outputs floating
Notes: TA=0 °C to +70 °C; VDD=+4.5 V to +5.5 V; FOSC=6 MHz
Typical values measured at 25
°C.
Minimum and maximum values indicated from 0
°C to 70 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com