Electronic Components Datasheet Search
  English  ▼

X  

ACST1210-7G Datasheet(PDF) 4 Page - STMicroelectronics

Part # ACST1210-7G
Description  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST1210-7G Datasheet(HTML) 4 Page - STMicroelectronics

  ACST1210-7G Datasheet HTML 1Page - STMicroelectronics ACST1210-7G Datasheet HTML 2Page - STMicroelectronics ACST1210-7G Datasheet HTML 3Page - STMicroelectronics ACST1210-7G Datasheet HTML 4Page - STMicroelectronics ACST1210-7G Datasheet HTML 5Page - STMicroelectronics ACST1210-7G Datasheet HTML 6Page - STMicroelectronics ACST1210-7G Datasheet HTML 7Page - STMicroelectronics ACST1210-7G Datasheet HTML 8Page - STMicroelectronics ACST1210-7G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Characteristics
ACST12
4/13
Doc ID 15238 Rev 4
Figure 6.
On-state characteristics
(maximum values)
Figure 7.
Non repetitive surge peak on-state
current versus number of cycles
(Tj initial = 25 °C)
1
10
100
1000
01
23
4
5
ITM (A)
T
j=25 °C
T
j=125 °C
T
j max :
V
to = 0.90 V
R
d = 30 mΩ
VTM (V)
0
10
20
30
40
50
60
70
80
90
100
110
120
130
1
10
100
1000
I(A)
TSM
Non repetitive
T
j initial=25 °C
One cycle
t=20ms
Repetitive
T
C=104 °C
Number of cycles
Figure 8.
Non repetitive surge peak on-state
current for a sinusoidal pulse and
corresponding value of I2t
Figure 9.
Relative variation of gate triggering
current and gate voltage versus
junction temperature (typical value)
I
(A), I t (A s)
TSM
22
1
10
100
1000
10000
0.01
0.10
1.00
10.00
Tj initial=25 °C
dI/dt limitation: 100 A/µs
ITSM
I²t
tP(ms)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
25
50
75
100
125
I
GT Q1-Q2
V
GT Q1-Q2-Q3
I
GT Q3
Tj(°C)
I , V [T ] / I , V [T = 25 °C]
GT
GT
j
GT
GT
j
Figure 10.
Relative variation of holding
current (IH) and latching current (IL)
versus junction temperature
Figure 11.
Relative variation of critical rate of
decrease of main current (di/dt)c
versus (dV/dt)c
I ,I [T ]/I , I [T = 25 °C]
H
L
j
H
L
j
0.0
0.5
1.0
1.5
2.0
2.5
-50
-25
0
25
50
75
100
125
I
H
I
L
Tj(°C)
Typical values
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.1
1
10
100
ACST12-7Cxx
ACST12
-7Sxx
(di/dt)c[(dV/dt)c] / Specified(di/dt)c
(dV/dt)c (V/µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com