Electronic Components Datasheet Search
  English  ▼

X  

VIPER25LN Datasheet(PDF) 8 Page - STMicroelectronics

Part # VIPER25LN
Description  Off-line high voltage converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER25LN Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VIPER25LN Datasheet HTML 4Page - STMicroelectronics VIPER25LN Datasheet HTML 5Page - STMicroelectronics VIPER25LN Datasheet HTML 6Page - STMicroelectronics VIPER25LN Datasheet HTML 7Page - STMicroelectronics VIPER25LN Datasheet HTML 8Page - STMicroelectronics VIPER25LN Datasheet HTML 9Page - STMicroelectronics VIPER25LN Datasheet HTML 10Page - STMicroelectronics VIPER25LN Datasheet HTML 11Page - STMicroelectronics VIPER25LN Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Electrical data
VIPER25
8/40
Doc ID 15585 Rev 4
Table 8.
Controller section
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
Feedback pin
VFBolp
Over load shutdown threshold
4.5
4.8
5.2
V
VFBlin
Linear dynamics upper limit
3.2
3.3
3.4
V
VFBbm
Burst mode threshold
Voltage falling
0.6
V
VFBbmhys
Burst mode hysteresis
Voltage rising
100
mV
IFB
Feedback sourced current
VFB = 0.3 V
-150
-200
-280
uA
3.3 V < VFB < 4.8 V
-3
uA
RFB(DYN)
Dynamic resistance
VFB < 3.3 V
14
19
k
Ω
HFB
ΔV
FB / ΔID
26
V/A
ZCD pin
VZCDCLh
Upper clamp voltage
IZCD = 1 mA
5
5.5
6
V
VZCDAth
Arming voltage threshold
Positive-going edge
0.8
V
VZCDTth
Triggering voltage threshold
Negative-going edge
0.6
V
IZCD
Internal pull-up
-10
µA
TBLANK
Turn-on inhibit time after
MOSFET’s turn-off
VZCD < 1 V
6.3
µs
VZCD >1 V
2.5
µs
Current limitation
IDlim
Max drain current limitation
VFB = 4 V,
IZCD = -10 µA
TJ = 25 °C
0.66
0.7
0.74
A
tSS
Soft start time
VIPER25L
3.5
ms
VIPER25H
4.2
ms
tSU
Start up time
VIPER25L
7.5
15
ms
VIPER25H
9.5
18
ms
TON_MIN
Minimum turn ON time
220
400
480
ns
td
Propagation delay
100
ns
tLEB
Leading edge blanking
300
ns
ID_BM
Peak drain current during
burst mode
VFB = 0.6 V
160
mA
Overcurrent protection (2nd OCP)
IDMAX
Second overcurrent threshold
1.2
A
Overvoltage protection
VOVP
Overvoltage protection
threshold
3.8
4.2
4.6
V
TSTROBE
Overvoltage protection strobe
time
2.2
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com