Electronic Components Datasheet Search
  English  ▼

X  

LM2596 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM2596
Description  monolithic integrated circuits that provide all the active functions for a step-down (buck) switching regulator, capable of driving a 3A load with excellent line and load regulation.
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2596 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2596 Datasheet HTML 9Page - Texas Instruments LM2596 Datasheet HTML 10Page - Texas Instruments LM2596 Datasheet HTML 11Page - Texas Instruments LM2596 Datasheet HTML 12Page - Texas Instruments LM2596 Datasheet HTML 13Page - Texas Instruments LM2596 Datasheet HTML 14Page - Texas Instruments LM2596 Datasheet HTML 15Page - Texas Instruments LM2596 Datasheet HTML 16Page - Texas Instruments LM2596 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
LM2596
www.ti.com
SNVS124C – NOVEMBER 1999 – REVISED APRIL 2013
PROCEDURE (Adjustable Output Voltage Version)
EXAMPLE (Adjustable Output Voltage Version)
2. Inductor Selection (L1)
2. Inductor Selection (L1)
A. Calculate the inductor Volt • microsecond constant E • T (V •
μs), A. Calculate the inductor Volt • microsecond constant
from the following formula:
(E • T),
where
(5)
•
VSAT = internal switch saturation voltage =
B. E • T = 34.2 (V •
μs)
1.16V
C. ILOAD(max) = 3A
•
VD = diode forward voltage drop = 0.5V
(4)
D. From the inductor value selection guide shown in Figure 24, the
inductance region intersected by the 34 (V •
μs) horizontal line and
the 3A vertical line is 47
μH, and the inductor code is L39.
B. Use the E • T value from the previous formula and match it with
the E • T number on the vertical axis of the Inductor Value Selection E. From the table in Table 3, locate line L39, and select an inductor
Guide shown in Figure 24.
part number from the list of manufacturers part numbers.
C. on the horizontal axis, select the maximum load current.
D. Identify the inductance region intersected by the E • T value and
the Maximum Load Current value. Each region is identified by an
inductance value and an inductor code (LXX).
E. Select an appropriate inductor from the four manufacturer's part
numbers listed in Table 3.
3. Output Capacitor Selection (COUT)
3. Output Capacitor SeIection (COUT)
A. In the majority of applications, low ESR electrolytic or solid A. See section on COUT in Application Information section.
tantalum capacitors between 82
μF and 820 μF provide the best B. From the quick design table shown in Table 2, locate the output
results. This capacitor should be located close to the IC using short voltage column. From that column, locate the output voltage closest
capacitor leads and short copper traces. Do not use capacitors to the output voltage in your application. In this example, select the
larger than 820
μF. For additional information, see section on 24V line. Under the OUTPUT CAPACITOR section, select a
output capacitors in Application Information section.
capacitor from the list of through hole electrolytic or surface mount
B. To simplify the capacitor selection procedure, refer to the quick tantalum types from four different capacitor manufacturers. It is
design table shown in Table 2. This table contains different output recommended that both the manufacturers and the manufacturers
voltages, and lists various output capacitors that will provide the best series that are listed in the table be used.
design solutions.
In this example, through hole aluminum electrolytic capacitors from
C. The capacitor voltage rating should be at least 1.5 times greater several different manufacturers are available.
than the output voltage, and often much higher voltage ratings are
220
μF/35V Panasonic HFQ Series
needed to satisfy the low ESR requirements needed for low output
150
μF/35V Nichicon PL Series
ripple voltage.
C. For a 20V output, a capacitor rating of at least 30V or more is
needed. In this example, either a 35V or 50V capacitor would work.
A 35V rating was chosen, although a 50V rating could also be used
if a lower output ripple voltage is needed.
Other manufacturers or other types of capacitors may also be used,
provided the capacitor specifications (especially the 100 kHz ESR)
closely match the types listed in the table. Refer to the capacitor
manufacturers data sheet for this information.
4. Feedforward Capacitor (CFF) (See Figure 20)
4. Feedforward Capacitor (CFF)
For output voltages greater than approximately 10V, an additional The table shown in Table 2 contains feed forward capacitor values
capacitor is required. The compensation capacitor is typically for various output voltages. In this example, a 560 pF capacitor is
between 100 pF and 33 nF, and is wired in parallel with the output needed.
voltage setting resistor, R2. It provides additional stability for high
output voltages, low input-output voltages, and/or very low ESR
output capacitors, such as solid tantalum capacitors.
(6)
This capacitor type can be ceramic, plastic, silver mica, etc.
(Because of the unstable characteristics of ceramic capacitors made
with Z5U material, they are not recommended.)
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com