Electronic Components Datasheet Search
  English  ▼

X  

LM2727 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2727
Description  input Power from 2.2V to 16V, Output voltage Adjustable Down to 0.6V
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2727 Datasheet(HTML) 1 Page - Texas Instruments

  LM2727 Datasheet HTML 1Page - Texas Instruments LM2727 Datasheet HTML 2Page - Texas Instruments LM2727 Datasheet HTML 3Page - Texas Instruments LM2727 Datasheet HTML 4Page - Texas Instruments LM2727 Datasheet HTML 5Page - Texas Instruments LM2727 Datasheet HTML 6Page - Texas Instruments LM2727 Datasheet HTML 7Page - Texas Instruments LM2727 Datasheet HTML 8Page - Texas Instruments LM2727 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
LM27x7
HG
BOOT
ISEN
LG
PGND
FB
VCC
SD
PWGD
FREQ
SS
SGND
EAO
PGND
+5V
VIN = 3.3V
VO = 1.2V@5A
CO1,2
2200PF
6.3V, 2.8A
1.5 PH
6.1 A, 9.6 m:
RFB2
CC2
RC1
RCS
CSS
RFADJ
RIN
CIN
D1
CBOOT
Q1
Q2
10PF
6.3V
10k
2.2k
10k
392k
2.2p
180p
12n
63.4k
2.2PF
10:
0.1P
CIN1,2
L1
+
CC1
RFB1
Si4884DY
Si4884DY
LM2727, LM2737
www.ti.com
SNVS205D – AUGUST 2002 – REVISED MARCH 2013
LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
Voltages
Check for Samples: LM2727, LM2737
1
FEATURES
DESCRIPTION
The
LM2727
and
LM2737
are
high-speed,
2
•
Input Power from 2.2V to 16V
synchronous, switching regulator controllers. They
•
Output Voltage Adjustable Down to 0.6V
are intended to control currents of 0.7A to 20A with
•
Power Good flag, Adjustable Soft-Start and
up to 95% conversion efficiencies. The LM2727
Output Enable for Easy Power Sequencing
employs output over-voltage and under-voltage latch-
off. For applications where latch-off is not desired, the
•
Output Over-Voltage and Under-Voltage Latch-
LM2737
can
be
used.
Power
up
and
down
Off (LM2727)
sequencing is achieved with the power-good flag,
•
Output Over-Voltage and Under-Voltage Flag
adjustable soft-start and output enable features. The
(LM2737)
LM2737 and LM2737 operate from a low-current 5V
bias and can convert from a 2.2V to 16V power rail.
•
Reference Accuracy: 1.5% (0°C - 125°C)
Both parts utilize a fixed-frequency, voltage-mode,
•
Current Limit Without Sense Resistor
PWM
control
architecture
and
the
switching
•
Soft Start
frequency is adjustable from 50kHz to 2MHz by
•
Switching Frequency from 50 kHz to 2 MHz
adjusting the value of an external resistor. Current
limit is achieved by monitoring the voltage drop
•
TSSOP-14 Package
across the on-resistance of the low-side MOSFET,
which enhances low duty-cycle operation. The wide
APPLICATIONS
range of operating frequencies gives the power
•
Cable Modems
supply designer the flexibility to fine-tune component
size, cost, noise and efficiency. The adaptive, non-
•
Set-Top Boxes/ Home Gateways
overlapping MOSFET gate-drivers and high-side
•
DDR Core Power
bootstrap
structure
helps
to
further
maximize
•
High-Efficiency Distributed Power
efficiency. The high-side power FET drain voltage can
be from 2.2V to 16V and the output voltage is
•
Local Regulation of Core Power
adjustable down to 0.6V.
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2727

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2727 NSC-LM2727 Datasheet
602Kb / 22P
N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
Texas Instruments
LM2727 TI1-LM2727 Datasheet
1Mb / 31P
LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller
LM2727 TI-LM2727 Datasheet
1Mb / 31P
LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
LM2727 TI1-LM2727 Datasheet
1Mb / 32P
LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2727 TI2-LM2727 Datasheet
948Kb / 34P
LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
REVISED MARCH 2013
More results

Similar Description - LM2727

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5450 ROHM-BP5450 Datasheet
1Mb / 8P
8V to 16V Input , 1.5 to 5V/1.2A output
logo
Texas Instruments
LM5576 TI-LM5576 Datasheet
1Mb / 30P
Ultra-Wide Input Voltage Range from 6V to 75V, Adjustable Output Voltage as Low as 1.225V
logo
M.S. Kennedy Corporatio...
MSK5012 MSK-MSK5012_15 Datasheet
747Kb / 7P
Output Voltage Adjustable from 1.30V to 36V
logo
Lowpower Semiconductor ...
LP6302 POWER-LP6302 Datasheet
1,016Kb / 7P
Output Voltage Range: 0.6V to VIN
LP6342 POWER-LP6342 Datasheet
782Kb / 15P
Output Voltage Range: 0.6V to VIN
LP6343 POWER-LP6343 Datasheet
539Kb / 12P
Output Voltage Range: 0.6V to VIN
logo
Allegro MicroSystems
A8586 ALLEGRO-A8586 Datasheet
813Kb / 19P
Output voltage adjustable from 0.8 to 30 V
logo
Shenzhen Huazhimei Semi...
HM3133 HMSEMI-HM3133 Datasheet
570Kb / 8P
Output voltage adjustable from 5V to 30V
logo
Maxim Integrated Produc...
MAX20812EVKIT MAXIM-MAX20812EVKIT Datasheet
2Mb / 19P
2.7V to 16V Input Voltage Range
Rev 1; 3/21
MAX20406EVKIT MAXIM-MAX20406EVKIT Datasheet
561Kb / 7P
Output Voltage: 3.3V/5V Fixed and Adjustable from 0.8 to 10V
Rev 3; 7/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com