Electronic Components Datasheet Search
  English  ▼

X  

LM2852 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2852
Description  Input Voltage Range of 2.85 to 5.5V, Factory EEPROM Set OUTPUT Voltages from 0.8V to 3.3V in 100mV increments
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2852 Datasheet(HTML) 4 Page - Texas Instruments

  LM2852 Datasheet HTML 1Page - Texas Instruments LM2852 Datasheet HTML 2Page - Texas Instruments LM2852 Datasheet HTML 3Page - Texas Instruments LM2852 Datasheet HTML 4Page - Texas Instruments LM2852 Datasheet HTML 5Page - Texas Instruments LM2852 Datasheet HTML 6Page - Texas Instruments LM2852 Datasheet HTML 7Page - Texas Instruments LM2852 Datasheet HTML 8Page - Texas Instruments LM2852 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LM2852
SNVS325D – JANUARY 2005 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
AVIN = PVIN = 5V unless otherwise indicated under the Conditions column. Limits in standard type are for TJ = 25°C only;
limits in boldface type apply over the junction temperature (TJ) range of -40°C to +125°C. Minimum and Maximum limits are
ensured through test, design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C,
and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SYSTEM PARAMETERS
VOUT
VOUT = 0.8V option
0.782
0.818
VOUT = 1.0V option
0.9775
1.0225
VOUT = 1.2V option
1.1730
1.2270
VOUT = 1.5V option
1.4663
1.5337
Voltage
V
Tolerance(1)
VOUT = 1.8V option
1.7595
1.8405
VOUT = 2.5V option
2.4437
2.5563
VOUT = 3.0V option
2.9325
3.0675
VOUT = 3.3V option
3.2257
3.3743
ΔVOUT/ΔAVIN
VOUT = 0.8V, 1.0V, 1.2V, 1.5V, 1.8V or 2.5V
0.2
0.6
%
2.85V
≤ AVIN ≤ 5.5V
Line Regulation(1)
VOUT = 3.3V
0.2
0.6
%
3.5V
≤ AVIN ≤ 5.5V
ΔVOUT/ΔIO
Load Regulation
Normal operation
8
mV/A
VON
Rising
2.47
2.85
V
UVLO Threshold
(AVIN)
Falling Hysteresis
85
150
210
mV
rDSON-P
PFET On
Isw = 2A
75
140
m
Ω
Resistance
rDSON-N
NFET On
Isw = 2A
55
120
m
Ω
Resistance
RSS
Soft-start resistance
400
k
Ω
ICL
LM2852X
2.75
4
4.95
Peak Current Limit
A
Threshold
LM2852Y
2.25
3
3.65
IQ
Operating Current
Non-switching
0.85
2
mA
ISD
Shutdown Quiescent
EN = 0V
10
25
µA
Current
RSNS
Sense pin resistance
400
k
Ω
PWM
fosc
LM2852X
1500kHz option.
1050
1500
1825
kHz
LM2852Y
500kHz option.
325
500
625
kHz
Drange
Duty Cycle Range
0
100
%
ENABLE CONTROL(2)
VIH
EN Pin Minimum
% of
75
High Input
AVIN
VIL
EN Pin Maximum
% of
25
Low Input
AVIN
IEN
EN Pin Pullup
EN = 0V
1.2
µA
Current
THERMAL CONTROLS
TSD
TJ for Thermal
165
°C
Shutdown
TSD-HYS
Hysteresis for
10
°C
Thermal Shutdown
(1)
VOUT measured in a non-switching, closed-loop configuration at the SNS pin.
(2)
The enable pin is internally pulled up, so the LM2852 is automatically enabled unless an external enable voltage is applied.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM2852



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com