Electronic Components Datasheet Search
  English  ▼

X  

5SS103MBKCC Datasheet(PDF) 3 Page - AVX Corporation

Part # 5SS103MBKCC
Description  Disc Ceramic Capacitors General Specifications - Class II General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

5SS103MBKCC Datasheet(HTML) 3 Page - AVX Corporation

  5SS103MBKCC Datasheet HTML 1Page - AVX Corporation 5SS103MBKCC Datasheet HTML 2Page - AVX Corporation 5SS103MBKCC Datasheet HTML 3Page - AVX Corporation 5SS103MBKCC Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
13
Temp.
Y5E
Y5F
Y5P
Y5U
Y5V
Z5V
Coefficient
Digits 1,2,3
5MK
5MQ
5NK
5NQ
5OK
5OQ
5SK
5SQ
5TK
5TQ
5UK
of P.N.
Rated
100 VDC
500 VDC
100 VDC
500 VDC
100 VDC
500 VDC
100 VDC
500 VDC
100 VDC
500 VDC
100 VDC
Voltage (V
R)
C
R (pF)
56
68
82
100
120
150
5.0 (0.197)
180
5.0 (0.197)
220
270
330
390
470
5.0 (0.197)
560
6.0 (0.236)
5.0 (0.197)
5.0 (0.197)
680
6.0 (0.236)
5.0 (0.197)
820
1,000
7.0 (0.276)
7.0 (0.276)
6.0 (0.236)
6.0 (0.236)
1,200
7.0 (0.276)
6.0 (0.236)
5.0 (0.197)
5.0 (0.197)
1,500
9.0 (0.354)
7.0 (0.276)
1,800
9.0 (0.354)
7.0 (0.276)
7.0 (0.276)
2,200
10.0 (0.394)
9.0 (0.354)
5.0 (0.197)
2,700
10.0 (0.394)
11.0 (0.433)
9.0 (0.354)
6.0 (0.236)
5.0 (0.197)
3,300
11.0 (0.433)
9.0 (0.354)
10.0 (0.394)
10.0 (0.394)
7.0 (0.276)
3,900
12.0 (0.472)
11.0 (0.433)
11.0 (0.433)
9.0 (0.354)
4,700
12.0 (0.472)
12.0 (0.472)
6.0 (0.236)
5.0 (0.197)
5,600
11.0 (0.433)
14.0 (0.551)
7.0 (0.276)
9.0 (0.354)
6,800
14.0 (0.551)
8,200
16.0 (0.630)
10.0 (0.394)
7.0 (0.276)
10,000
11.0 (0.433)
7.0 (0.276)
6.0 (0.236)
12,000
10.0 (0.394)
12.0 (0.472)
15,000
14.0 (0.551)
9.0 (0.354)
7.0 (0.276)
22,000
16.0 (0.630)
9.0 (0.354)
10.0 (0.394)
8.0 (0.315)
33,000
12.0 (0.472)
12.0 (0.472)
47,000
19.0 (0.748)
6.0 (0.236)
100,000
19.0 (0.748)
23.0 (0.906)
19.0 (0.748)
100V / 500V CLASS II – CAPACITANCE VS. DISC DIAMETER
millimeters (inches)
Diameter (
φ) = 9th Part Number Digit
Disc Ceramic Capacitors
Dimension Table - Class II
Low and Medium Voltage General Purpose



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com