Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G32 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 74LVC1G32
Description  SINGLE 2 INPUT POSITIVE OR GATE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G32 Datasheet(HTML) 1 Page - Diodes Incorporated

  74LVC1G32 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G32 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G32 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G32 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G32 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G32 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G32 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G32 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G32 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
74LVC1G32
SINGLE 2 INPUT POSITIVE OR GATE
74LVC1G32
Document number: DS32200 Rev. 6 - 2
1 of 12
www.diodes.com
February 2012
© Diodes Incorporated
Description
The 74LVC1G32 is a single 2-input positive OR gate with a
standard push-pull output. The device is designed for
operation with a power supply range of 1.65V to 5.5V. The
inputs are tolerant to 5.5V allowing this device to be used in a
mixed voltage environment. The device is fully specified for
partial power down applications using IOFF. The IOFF circuitry
disables the output preventing damaging current backflow
when the device is powered down.
The gate performs the positive Boolean function:
B
A
Y
+
=
or
B
A
Y
•
=
Features
•
Wide Supply Voltage Range from 1.65 to 5.5V
•
± 24mA Output Drive at 3.3V
•
CMOS low power consumption
•
IOFF Supports Partial-Power-Down Mode Operation
•
Inputs accept up to 5.5V
•
ESD Protection Tested per JESD 22
o
Exceeds 200-V Machine Model (A115-A)
o
Exceeds 2000-V Human Body Model (A114-A)
o
Exceeds 1000-V Charged Device Model (C101C)
•
Latch-Up Exceeds 100mA per JESD 78, Class II
•
Range of Package Options
•
Direct Interface with TTL Levels
•
All packages Assembled with “Green” Molding
Compound (no Br, Sb)
•
Lead Free Finish/ RoHS Compliant (Note 1)
Pin Assignments
Top View
X2-DFN1010-6
Y
V
CC
5
4
3
2
1
SOT25 / SOT353
(Top View )
GND
Y
SOT553
(Top View)
GND
NC
X2-DFN1410-6
(Top View)
Y
GND
1
2
3
6
5
4
(Top View)
NC
V
CC
Y
GND
1
2
3
6
5
4
A
B
B
B
V
CC
V
CC
B
A
A
A
Applications
•
Voltage Level Shifting
•
General Purpose Logic
•
Bus Driver / Repeater
•
Power Down Signal Isolation
•
General Purpose Logic
•
Wide array of products such as:
o
PCs, networking, notebooks, netbooks, PDAs
o
Tablet Computers, E-readers
o
Computer peripherals, hard drives, CD/DVD ROM
o
TV, DVD, DVR, set top box
o
Cell Phones, Personal Navigation / GPS
o
MP3 players ,Cameras, Video Recorders
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. No purposely added lead. Halogen and Antimony free.
Please visit our website at http://www.diodes.com/products/lead_free.html


Similar Part No. - 74LVC1G32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVC1G32 TI-74LVC1G32 Datasheet
444Kb / 17P
SINGLE 2-INPUT POSITIVE-OR GATE
logo
Panasonic Semiconductor
74LVC1G32 PANASONIC-74LVC1G32 Datasheet
84Kb / 14P
Single 2-input OR gate
logo
NXP Semiconductors
74LVC1G32 NXP-74LVC1G32 Datasheet
79Kb / 14P
Single 2-input OR gate
Rev. 06-2 August 2007
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Nexperia B.V. All right...
74LVC1G32 NEXPERIA-74LVC1G32 Datasheet
255Kb / 16P
Single 2-input OR gate
Rev. 14 - 18 January 2022
More results

Similar Description - 74LVC1G32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_08 Datasheet
435Kb / 12P
SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G32-EP TI1-SN74LVC1G32-EP Datasheet
502Kb / 15P
SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74AUP1G32 DIODES-74AUP1G32 Datasheet
188Kb / 11P
SINGLE 2 INPUT POSITIVE OR GATE
Rev 1
logo
Texas Instruments
74AHCT1G32 TI-74AHCT1G32_13 Datasheet
974Kb / 15P
SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
SINGLE 2-INPUT POSITIVE-OR GATE
logo
Unisonic Technologies
U74LVC1G32 UTC-U74LVC1G32_15 Datasheet
202Kb / 5P
SINGLE 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUC1G32 TI1-SN74AUC1G32_15 Datasheet
993Kb / 17P
SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32_14 Datasheet
402Kb / 14P
SINGLE 2 INPUT POSITIVE OR GATE
Rev 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com