Electronic Components Datasheet Search
  English  ▼

X  

LM4860 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM4860
Description  No Output Coupling Capacitors, Bootstrap Capacitors, or Snubber Circuits are Necessary, Small Outline (SO) Packaging
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4860 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM4860 Datasheet HTML 8Page - Texas Instruments LM4860 Datasheet HTML 9Page - Texas Instruments LM4860 Datasheet HTML 10Page - Texas Instruments LM4860 Datasheet HTML 11Page - Texas Instruments LM4860 Datasheet HTML 12Page - Texas Instruments LM4860 Datasheet HTML 13Page - Texas Instruments LM4860 Datasheet HTML 14Page - Texas Instruments LM4860 Datasheet HTML 15Page - Texas Instruments LM4860 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
o p e a k
L
O
V
2 R
P
LM4860
SNAS096C – AUGUST 1994 – REVISED MAY 2013
www.ti.com
HIGHER GAIN AUDIO AMPLIFIER
The LM4860 is unity-gain stable and requires no external components besides gain-setting resistors, an input
coupling capacitor, and proper supply bypassing in the typical application. However if a closed-loop differential
gain of greater than 10 is required, then a feedback capacitor is needed, as shown in Figure 3, to bandwidth limit
the amplifier. The feedback capacitor creates a low pass filter that eliminates unwanted high frequency
oscillations. Care should be taken when calculating the
−3 dB frequency in that an incorrect combination of Rf
and Cf will cause rolloff before 20 kHz. A typical combination of feedback resistor and capacitor that will not
produce audio band high frequency rolloff is Rf = 100 kΩ and Cf = 5 pF. These components result in a −3 dB
point of approximately 320 kHz. Once the differential gain of the amplifier has been calculated, a choice of Rf will
result, and Cf can then be calculated from the formula stated in External Components Description .
VOICE-BAND AUDIO AMPLIFIER
Many applications, such as telephony, only require a voice-band frequency response. Such an application
usually requires a flat frequency response from 300 Hz to 3.5 kHz. By adjusting the component values of
Figure 3, this common application requirement can be implemented. The combination of Ri and Ci form a
highpass filter while Rf and Cf form a lowpass filter. Using the typical voice-band frequency range, with a
passband differential gain of approximately 100, the following values of Ri, Ci, Rf, and Cf follow from the
equations stated in External Components Description .
Ri = 10 kΩ, Rf = 510k, Ci = 0.22 μF, and Cf = 15 pF
(4)
Five times away from a
−3 dB point is 0.17 dB down from the flatband response. With this selection of
components, the resulting
−3 dB points, fL and fH, are 72 Hz and 20 kHz, respectively, resulting in a flatband
frequency response of better than ±0.25 dB with a rolloff of 6 dB/octave outside of the passband. If a steeper
rolloff is required, other common bandpass filtering techniques can be used to achieve higher order filters.
SINGLE-ENDED AUDIO AMPLIFIER
Although the typical application for the LM4860 is a bridged monoaural amp, it can also be used to drive a load
single-endedly in applications, such as PC cards, which require that one side of the load is tied to ground.
Figure 4 shows a common single-ended application, where VO1 is used to drive the speaker. This output is
coupled through a 470
μF capacitor, which blocks the half-supply DC bias that exists in all single-supply amplifier
configurations. This capacitor, designated CO in Figure 4, in conjunction with RL, forms a highpass filter. The
−3 dB point of this highpass filter is 1/(2πRLCO), so care should be taken to make sure that the product of RL and
CO is large enough to pass low frequencies to the load. When driving an 8Ω load, and if a full audio spectrum
reproduction is required, CO should be at least 470 μF. VO2, the output that is not used, is connected through a
0.1
μF capacitor to a 2 kΩ load to prevent instability. While such an instability will not affect the waveform of VO1,
it is good design practice to load the second output.
AUDIO POWER AMPLIFIER DESIGN
Design a 500 mW/8
Ω Audio Amplifier
Given:
Power Output:
500 mWrms
Load Impedance:
8
Ω
Input Level:
1 Vrms(max)
Input Impedance:
20 k
Ω
Bandwidth:
20 Hz-20 kHz ±0.25 dB
A designer must first determine the needed supply rail to obtain the specified output power. Calculating the
required supply rail involves knowing two parameters, Vopeak and also the dropout voltage. The latter is typically
0.7V. Vopeak can be determined from Equation 5.
(5)
12
Submit Documentation Feedback
Copyright © 1994–2013, Texas Instruments Incorporated
Product Folder Links: LM4860



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com