Electronic Components Datasheet Search
  English  ▼

X  

LM5039 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM5039
Description  105V / 2A Half-Bridge Gate Drivers, Synchronous Rectifier Control Outputs with Programmable Delays
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5039 Datasheet(HTML) 2 Page - Texas Instruments

  LM5039 Datasheet HTML 1Page - Texas Instruments LM5039 Datasheet HTML 2Page - Texas Instruments LM5039 Datasheet HTML 3Page - Texas Instruments LM5039 Datasheet HTML 4Page - Texas Instruments LM5039 Datasheet HTML 5Page - Texas Instruments LM5039 Datasheet HTML 6Page - Texas Instruments LM5039 Datasheet HTML 7Page - Texas Instruments LM5039 Datasheet HTML 8Page - Texas Instruments LM5039 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
RAMP
CS
AGND
RT
COMP
ACL
UVLO
RES
DLY
SS
HB
HS
HO
LO
PGND
VCC
SR2
SR1
REF
VIN
1
2
3
4
5
6
7
13
14
15
16
17
18
19
8
9
10
12
11
20
13
EP
LM5039
UVLO
AGND
PGND
COMP
HO
LO
SS
RT
RAMP
VIN
VIN
VOUT
ACL
SR1
SR2
ERROR AMP AND
ISOLATION
LM5039
SNVS621D – FEBRUARY 2010 – REVISED MARCH 2013
www.ti.com
Simplified Application Diagram
Connection Diagrams
Figure 1. 20-Lead HTSSOP
Top View
2
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM5039



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com