Electronic Components Datasheet Search
  English  ▼

X  

LMC6482 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6482
Description  Rail-to=Rail Input Common-Mode Voltage Range(Ensured Over Temperature), Ensured 3V, 5V and 15V Performance
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6482 Datasheet(HTML) 2 Page - Texas Instruments

  LMC6482 Datasheet HTML 1Page - Texas Instruments LMC6482 Datasheet HTML 2Page - Texas Instruments LMC6482 Datasheet HTML 3Page - Texas Instruments LMC6482 Datasheet HTML 4Page - Texas Instruments LMC6482 Datasheet HTML 5Page - Texas Instruments LMC6482 Datasheet HTML 6Page - Texas Instruments LMC6482 Datasheet HTML 7Page - Texas Instruments LMC6482 Datasheet HTML 8Page - Texas Instruments LMC6482 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
LMC6482
SNOS674D – NOVEMBER 1997 – REVISED MARCH 2013
www.ti.com
Connection Diagram
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance (3)
1.5kV
Differential Input Voltage
±Supply Voltage
Voltage at Input/Output Pin
(V+) +0.3V, (V−)
−0.3V
Supply Voltage (V+
− V−)
16V
Current at Input Pin (4)
±5mA
Current at Output Pin
(5) (6)
±30mA
Current at Power Supply Pin
40mA
Lead Temperature
(Soldering, 10 sec.)
260°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (7)
150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
Human body model, 1.5k
Ω in series with 100pF. All pins rated per method 3015.6 of MIL-STD-883. This is a Class 1 device rating.
(4)
Limiting input pin current is only necessary for input voltages that exceed absolute maximum input voltage ratings.
(5)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of ±30mA over long term may adversely
affect reliability.
(6)
Do not short circuit output to V+, when V+ is greater than 13V or reliability will be adversely affected.
(7)
The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max) − TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Operating Ratings
Supply Voltage
3.0V
≤ V+ ≤ 15.5V
Junction Temperature Range
LMC6482AM
−55°C ≤ TJ ≤ +125°C
LMC6482AI, LMC6482I
−40°C ≤ TJ ≤ +85°C
Thermal Resistance (
θJA)
P0008E Package, 8-Pin PDIP
90°C/W
D0008A Package, 8-Pin SOIC
155°C/W
DGK0008A Package, 8-Pin VSSOP
194°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
2
Submit Documentation Feedback
Copyright © 1997–2013, Texas Instruments Incorporated
Product Folder Links: LMC6482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com