Electronic Components Datasheet Search
  English  ▼

X  

LM4950TS Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM4950TS
Description  LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4950TS Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4950TS Datasheet HTML 9Page - Texas Instruments LM4950TS Datasheet HTML 10Page - Texas Instruments LM4950TS Datasheet HTML 11Page - Texas Instruments LM4950TS Datasheet HTML 12Page - Texas Instruments LM4950TS Datasheet HTML 13Page - Texas Instruments LM4950TS Datasheet HTML 14Page - Texas Instruments LM4950TS Datasheet HTML 15Page - Texas Instruments LM4950TS Datasheet HTML 16Page - Texas Instruments LM4950TS Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LM4950
www.ti.com
SNAS174E – JULY 2003 – REVISED MAY 2013
Typical Performance Characteristics (continued)
THD+N vs Output Power
Total Power Dissipation vs Load Dissipation
Figure 47. VDD = 15V, RL = 8Ω,
Figure 48. VDD = 15V, BTL operation, fIN = 1kHz,
SE operation, fIN = 1kHz
at (from top to bottom at 4W): RL = 8Ω, RL = 16Ω
both channels driven and loaded (average shown)
Total Power Dissipation vs Load Dissipation per Channel
Output Power vs Load Resistance
Figure 49. VDD = 15V, SE operation, fIN = 1kHz,
Figure 50. VDD = 15V, BTL operation, fIN = 1kHz,
at (from top to bottom at 2W):
at (from top to bottom at 15
Ω):
RL = 4Ω, RL = 8Ω
THD+N = 10%, THD+N = 1%
Output Power vs Load Resistance
THD+N vs Output Power
Figure 51. VDD = 15V, SE operation, fIN = 1kHz,
Figure 52. VDD = 16V, RL = 8Ω,
both channels driven and loaded,
BTL operation, fIN = 1kHz
at (from top to bottom at 15
Ω):
THD+N = 10%, THD+N = 1%
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM4950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com