Electronic Components Datasheet Search
  English  ▼

X  

B5819WS Datasheet(PDF) 1 Page - Micro Commercial Components

Part # B5819WS
Description  For Use in Low Voltage, High Frequency Inverters High Surge Current Capability
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

B5819WS Datasheet(HTML) 1 Page - Micro Commercial Components

  B5819WS Datasheet HTML 1Page - Micro Commercial Components B5819WS Datasheet HTML 2Page - Micro Commercial Components B5819WS Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B5817WS
Thru
B5819WS
1 Amp Schottky
Barrier Rectifier
20 - 40 Volts
Features
•
Guard Ring Protection
•
Low Forward Voltage Drop
•
For Use in Low Voltage, High Frequency Inverters
•
High Surge Current Capability
•
Operating Temperature: -65
to +125
•
Storage Temperature: -65
to +150
•
Maximum Thermal Resistance; 500
/W Junction To Ambient
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
B5817WS
SJ
20V
14V
20V
B5818WS
SK
30V
21V
30V
B5819WS
SL
40V
28V
40V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
Tc = 90
Peak Forward Surge
Current
IFSM
10A
8.3ms, half sine
0.45V
0.55V
0.60V
IFM = 1.0A;
TJ = 25
(Note 1)
Maximum
Instantaneous
Forward Voltage
B5817WS
B5818WS
B5819WS
VF
0.75V
0.875V
0.90V
IFM = 3A;
TJ = 25
(Note 1)
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
1mA
TA = 25
Typical junction
capacitance
CJ
120pF
Measured at
1.0MHz , VR=4.0V
MCC
TM
Micro Commercial Components
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
www.mccsemi.com
1 of 3
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.107
2.30
2.70
B
.063
.071
1.60
1.80
C
.045
.053
1.15
1.35
D
.031
.045
0.80
1.15
E
.010
.016
0.25
0.40
G
.004
.018
0.10
0.45
H
.004
.010
0.10
0.25
J
-----
.006
-----
0.15
A
B
E
C
J
D
H
G
0.022”
0.074"
0.027”
SUGGESTED SOLDER
PAD LAYOUT
SOD-323
•
Lead Free Finish/RoHS Compliant("P" Suffix
designates RoHS Compliant. See ordering information)
Maximum Ratings
Notes:
1.
Pulse Test: Pulse Width 300usec, Duty Cycle 2%
Revision: B
2013/01/01
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - B5819WS

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
B5819WS JIANGSU-B5819WS Datasheet
126Kb / 2P
SCHOTTKY BARRIER DIODE
logo
Weitron Technology
B5819WS WEITRON-B5819WS Datasheet
369Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Galaxy Semi-Conductor H...
B5819WS BILIN-B5819WS Datasheet
244Kb / 4P
Schottky Barrier Diode
logo
Shenzhen Ping Sheng Ele...
B5819WS PFS-B5819WS Datasheet
1Mb / 2P
SCHOTTKY BARRIER DIODE
logo
Micro Commercial Compon...
B5819WS MCC-B5819WS Datasheet
318Kb / 3P
1 Amp Schottky Barrier Rectifier 20 - 40 Volts
More results

Similar Description - B5819WS

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
SR120 FCI-SR120 Datasheet
7Mb / 2P
High surge current capability High current capability Low forward voltage drop
logo
Sangdest Microelectroni...
B5817W SMC-B5817W Datasheet
188Kb / 4P
For use in low voltage, high frequency inverters
logo
DIYI Electronic Technol...
HER201GU DYELEC-HER201GU Datasheet
913Kb / 2P
High surge current capability
RABF22 DYELEC-RABF22 Datasheet
1Mb / 2P
High surge current capability
logo
SHIKUES Electronics
MBR120ESF SKTECHNOLGY-MBR120ESF Datasheet
799Kb / 2P
For use in low voltage, high frequency inverters
MBR120LSF SKTECHNOLGY-MBR120LSF Datasheet
1Mb / 2P
For use in low voltage, high frequency inverters
MBR140SF SKTECHNOLGY-MBR140SF Datasheet
521Kb / 2P
For use in low voltage, high frequency inverters
logo
First Silicon Co., Ltd
KBJ4A FS-KBJ4A Datasheet
233Kb / 2P
High surge current capability
logo
Shanghai Leiditech Elec...
B5817WS LEIDITECH-B5817WS Datasheet
554Kb / 2P
For use in low voltage, high frequency inverters Free wheeling, and polarity protection applications.
SM5817WS LEIDITECH-SM5817WS Datasheet
551Kb / 2P
For use in low voltage, high frequency inverters Free wheeling, and polarity protection applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com