Electronic Components Datasheet Search
  English  ▼

X  

BAT46W Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAT46W
Description  200mW Schottky Diode 100 Volts High breakdown Voltage
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAT46W Datasheet(HTML) 1 Page - Micro Commercial Components

  BAT46W_13 Datasheet HTML 1Page - Micro Commercial Components BAT46W_13 Datasheet HTML 2Page - Micro Commercial Components BAT46W_13 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAT46W
200mW
100 Volts
Features
•
High breakdown Voltage
•
Marking: S9/L6
Maximum Ratings
Symbol
Rating
Rating
Unit
VRRM
Repetitive Peak Reverse Voltage
IF
Forward DC Current
PD
Power Dissipation
RJA
Thermal Resistance Junction to Ambient
Air
(1)
500
/W
TJ
Junction Temperature
-55 to +125
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
V(BR)R
Reverse Breakdown Voltage
(I R=100uAdc )
Forward Voltage
IF=0.1mAdc
IF=10mAdc
IF=250mAdc
---
---
---
---
---
---
IR
Leakage Current
(VR=10Vdc)
(VR=50Vdc)
---
---
---
---
CT
Total Capacitance
(VR=0, f=1.0MHz)
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
SOD123
DIMENSIONS
INCHES
MM
MIN
MAX
MIN
MAX
A
.140
.152
3.55
3.85
B
.100
.112
2.55
2.85
C
.055
.071
1.40
1.80
D
-----
.053
-----
1.35
E
.012
.031
0.30
G
.006
-----
0.15
-----
H
-----
.01
-----
J
-----
.006
-----
A
B
E
C
J
D
H
G
0.036”
0.093
0.048”
SUGGESTED SOLDER
PAD LAYOUT
www.mccsemi.com
Revision:
B
20
13/01/02
TM
Micro Commercial Components
1 of 3
•
Low turn-on voltage
•
Guard ring construction for transient protection
100
V
mA
150
Io
AverageRectifiedOutput Current at
75
mA
200
mW
OC
---
---
V
100
0.25
0.45
V
1
VF
(VR=75Vdc)
---
---
uA
0.8
2
5
(VR=1.0, f=1.0MHz)
---
---
10.0
---
pF
6.0
---
pF
Schottky Diode
DIM
NOTE
0.78
0.25
0.15
Notes:
1.Valid provided that electrodes are kept at ambient temperature
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
Mechanical Data
•
Halogen free available upon request by adding suffix "-HF"
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)


Similar Part No. - BAT46W_13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT46W DIODES-BAT46W_1 Datasheet
356Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30044 Rev. 14 - 2
logo
Guangdong Kexin Industr...
BAT46W KEXIN-BAT46W_15 Datasheet
794Kb / 2P
Schottky Diodes
logo
SeCoS Halbleitertechnol...
BAT46W SECOS-BAT46W_15 Datasheet
277Kb / 2P
Surface Mount Schottky Barrier Rectifiers
logo
SHENZHEN YONGERJIA INDU...
BAT46W WINNERJOIN-BAT46W_15 Datasheet
102Kb / 2P
SOD-123
logo
Diodes Incorporated
BAT46W DIODES-BAT46W_15 Datasheet
131Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev erse
More results

Similar Description - BAT46W_13

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
BAT46BPT CHENMKO-BAT46BPT Datasheet
364Kb / 1P
SCHOTTKY DIODE VOLTAGE 100 Volts CURRENT 75 mAmpere
logo
Micro Commercial Compon...
BAR43 MCC-BAR43 Datasheet
164Kb / 2P
200mW SCHOTTKY DIODE
BAS70TW MCC-BAS70TW Datasheet
196Kb / 3P
200mW SCHOTTKY BARRIER Diode
BAT42W MCC-BAT42W Datasheet
217Kb / 3P
200mW Schottky Diodes 30 Volts
BAT46W MCC-BAT46W Datasheet
202Kb / 3P
200mW Schottky Diode 100 Volts
SD103AX MCC-SD103AX Datasheet
297Kb / 3P
200mW Small Signal Schottky Diode 40 Volts
BAT46W-TP MCC-BAT46W-TP Datasheet
229Kb / 3P
200mW Schottky Diode 100 Volts
BAR43A MCC-BAR43A Datasheet
243Kb / 2P
200mW SCHOTTKY DIODE
BAT46WS MCC-BAT46WS Datasheet
306Kb / 3P
Schottky Barrier Diode 200mW
SD103AX MCC-SD103AX_13 Datasheet
331Kb / 3P
200mW Small Signal Schottky Diode 40 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com