Electronic Components Datasheet Search
  English  ▼

X  

BAT54 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAT54
Description  200mWatt, 30Volt Schottky Barrier Diode Surface Mount device
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAT54 Datasheet(HTML) 1 Page - Micro Commercial Components

  BAT54_13 Datasheet HTML 1Page - Micro Commercial Components BAT54_13 Datasheet HTML 2Page - Micro Commercial Components BAT54_13 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAT54
THRU
BAT54S
200mWatt, 30Volt
Schottky Barrier Diode
SOT-23
Suggested Solder
Pad Layout
Features
•
Low Forward Voltage
•
Surface Mount device
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
Maximum Ratings
Continuos Reverse Voltage
VR
30V
Electrical Characteristics @ 25 °C Unless Otherwise Specified
Characteristics
Symbol
Max.
Notes
Forward Voltage at
IF = 0.1mA
IF = 1mA
IF = 10mA
IF = 30mA
IF = 100mA
VF
240mV
320mV
400mV
500mV
1000mV
Reverse Current
IR
2.0 uA
VR = 25V
Capacitance
CJ
10pF
Measured at
1.0MHz, VR=1.0V
Reverse Recovery
Time
trr
5nS
IF=IR=10mA;
I(REC) = 1mA
Thermal Resistance,
Junction to Ambient
RθJA
50
0
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
A
B
C
D
E
F
G
H
J
K
www.mccsemi.com
Forward ContinuousCurrent
IF
200mA
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
Non-Repetitive Peak Forward Current t<1s
IFSM
0.6A
Total Power Dissipation @ TA = 25°C
PD
200mW
Storage Temperature Range
Tstg
-55°C to 150°C
Operating Junction Temperature Range
j
Soldering temperature during 10s
Tj
260°C
°
C/W
Revision:
B
20
13/01/01
MCC Catalog
Number
Type
Pin
Configuration
BAT54
BAT54A
2
BAT54C
BAT54S
TM
Micro Commercial Components
-55°C to 125°C
T
1 of 3
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
B
.083
.104
2.10
2.64
•
Halogen free available upon request by adding suffix "-HF"
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)
1
2
KL1
L4
Single
Figure 1
KL2
Dual
L42
Figure
L43
KL3
Figure 3
Dual
KL4
L44
Dual
Figure 4
See page 3
Device Marking


Similar Part No. - BAT54_13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54-13-F DIODES-BAT54-13-F Datasheet
278Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 31
More results

Similar Description - BAT54_13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT54 MCC-BAT54_11 Datasheet
201Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54LP MCC-BAT54LP Datasheet
446Kb / 2P
200mWatt, 30Volt Schottky Barrier Diode
BAT54TW MCC-BAT54TW Datasheet
236Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54W MCC-BAT54W Datasheet
252Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54WS MCC-BAT54WS Datasheet
193Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54C-TP MCC-BAT54C-TP Datasheet
257Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54AWT-TP MCC-BAT54AWT-TP Datasheet
380Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54 MCC-BAT54_14 Datasheet
363Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54TW MCC-BAT54TW_13 Datasheet
267Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54WS MCC-BAT54WS_13 Datasheet
322Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com